Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-38SX5C-RMS Datasheet(PDF) 10 Page - Teledyne Technologies Incorporated

Part # CT-38SX5C-RMS
Description  Normally Open Coaxial Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CT-38SX5C-RMS Datasheet(HTML) 10 Page - Teledyne Technologies Incorporated

Back Button CT-38SX5C-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 8Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 9Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 10Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 11Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 12Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 13Page - Teledyne Technologies Incorporated CT-38SX5C-RMS Datasheet HTML 14Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CCT-38S/CT-38S Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18
STANDARD
SMA
SWITCHES
TYPICAL POWER PERFORMANCE CURVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com