Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7729 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 3 Page - Analog Devices

  AD7729 Datasheet HTML 1Page - Analog Devices AD7729 Datasheet HTML 2Page - Analog Devices AD7729 Datasheet HTML 3Page - Analog Devices AD7729 Datasheet HTML 4Page - Analog Devices AD7729 Datasheet HTML 5Page - Analog Devices AD7729 Datasheet HTML 6Page - Analog Devices AD7729 Datasheet HTML 7Page - Analog Devices AD7729 Datasheet HTML 8Page - Analog Devices AD7729 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
–2–
REV. 0
AD7729–SPECIFICATIONS1
Parameter
AD7729A
Units
Test Conditions/Comments
REFERENCE
REFCAP
Absolute Voltage, VREFCAP
1.3
± 5%
V min/max
REFCAP TC
50
ppm/
°C typ
0.1
µF Capacitor Required from REFCAP to AGND
REFOUT
Absolute Voltage, VREFOUT
1.3
± 10%
V min/max
REFOUT TC
50
ppm/
°C typ
0.1
µF Capacitor Required from REFOUT to AGND
ADC CHANNEL SPECIFICATIONS
RxON = 1
Resolution
15
Bits
ADC Signal Range
2 VREFCAP
V p-p
VBIAS
VREFCAP/2 to (AVDD – VREFCAP/2)
Volts
Differential
VREFCAP to (AVDD – VREFCAP)
Volts
Single-Ended
Differential Signal Range
VBIAS ± VREFCAP/2
V min/max
For Both Positive and Negative Analog Inputs
Single-Ended Signal Range
VBIAS ± VREFCAP
V min/max
For Positive Analog Inputs; Negative Analog Inputs = VBIAS
Input Sample Rate
13
MSPS
Output Word Rate
270.83
kHz
DC Accuracy
Precalibration Offset Error
±45
mV typ
Post Calibration Offset Error
±10
mV max
Post Calibration Offset Error TC
50
µV/°C typ
TC = Temperature Coefficient
Input Resistance (DC)
1.23
M
Ω typ
Input Capacitance
10
pF typ
Dynamic Specifications
Input Frequency = 67.7 kHz
Dynamic Range
67
dB typ
Signal to (Noise + Distortion)
64
dB min
Gain Error
±1
dB max
Input Frequency = 67.7 kHz, wrt 1.3 V
±0.5
dB max
Input Frequency = 67.7 kHz, wrt VREFCAP
Gain Match Between Channels
±0.2
dB max
Filter Settling Time
47
µs typ
Frequency Response
Does Not Include Input Antialias RC Circuit
0 kHz –70 kHz
±0.05
dB max/min
85 kHz
–1
dB max
96 kHz
–3.0
dB max
135 kHz
–55
dB max
>170 kHz
–55
dB max
Absolute Group Delay
23
µs typ
Group Delay Between Channels
(0 kHz–96 kHz)
5
ns typ
Coding
Twos Complement
AUXILIARY CONVERTER2
Resolution
10
Bits
Output Range
Code 000
2/32
× V
REFCAP
V
Offset Error
±35
mV max
Code 3FF
2 VREFCAP
V
Gain Error
–60
mV min
+100
mV max
DC Accuracy
Maximum Output for Specified Accuracy = AVDD –
0.2 V or 2.6 V, Whichever Is Lower
Integral Nonlinearity
±4
LSB max
Differential Nonlinearity
±2
LSB max
Guaranteed Monotonic to 9 Bits
Update Rate
540
kHz max
Load Resistance
10
k
Ω min
See Figure 1
Load Capacitance
50
pF max
See Figure 1
ISINK
50
µA typ
Full-Scale Settling Time
4
µs typ
LSB Settling Time
2
µs typ
Coding
Binary
(AVDD1 = AVDD2 = +3 V
10%; DVDD1 = DVDD2 = +3 V
10%; DGND = AGND =
0 V, fCLK = 13 MHz; RxPOWER1 = 0; RxPOWER0 = 1; MCLKDIV = 0; TA = TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com