Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7813 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7813
Description  2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7813 Datasheet(HTML) 5 Page - Analog Devices

  AD7813 Datasheet HTML 1Page - Analog Devices AD7813 Datasheet HTML 2Page - Analog Devices AD7813 Datasheet HTML 3Page - Analog Devices AD7813 Datasheet HTML 4Page - Analog Devices AD7813 Datasheet HTML 5Page - Analog Devices AD7813 Datasheet HTML 6Page - Analog Devices AD7813 Datasheet HTML 7Page - Analog Devices AD7813 Datasheet HTML 8Page - Analog Devices AD7813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7813
–4–
REV. C
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1VREF
Reference Input, 1.2 V to VDD.
2VIN
Analog Input, 0 V to VREF.
3
GND
Analog and Digital Ground.
4
CONVST
Convert Start. A low-to-high transition on this pin initiates a 1.5
µs pulse on an internally generated
CONVST signal. A high-to-low transition on this line initiates the conversion process if the internal
CONVST signal is low. Depending on the signal on this pin at the end of a conversion, the AD7813
automatically powers down.
5
CS
Chip Select. This is a logic input. CS is used in conjunction with RD to enable outputs.
6
RD
Read Pin. This is a logic input. When CS is low and RD goes low, the DB7–DB0 leave their high
impedance state and data is driven onto the data bus.
7
BUSY
ADC Busy Signal. This is a logic output. This signal goes logic high during the conversion process.
8–15
DB0–DB7
Data Bit 0 to 7. These outputs are three-state TTL-compatible.
16
VDD
Positive power supply voltage, 2.7 V to 5.5 V.
PIN CONFIGURATION
DIP/SOIC
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7813
VREF
DB5
DB6
DB7
VDD
VIN
GND
CONVST
DB2
DB3
DB4
CS
RD
BUSY
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com