Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD974ARS Datasheet(PDF) 10 Page - Analog Devices

Part # AD974ARS
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974ARS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD974ARS Datasheet HTML 6Page - Analog Devices AD974ARS Datasheet HTML 7Page - Analog Devices AD974ARS Datasheet HTML 8Page - Analog Devices AD974ARS Datasheet HTML 9Page - Analog Devices AD974ARS Datasheet HTML 10Page - Analog Devices AD974ARS Datasheet HTML 11Page - Analog Devices AD974ARS Datasheet HTML 12Page - Analog Devices AD974ARS Datasheet HTML 13Page - Analog Devices AD974ARS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
REV. A
AD974
–9–
EXTERNAL DISCONTINUOUS CLOCK DATA READ
DURING CONVERSION WITH NO SYNC OUTPUT
GENERATED
Figure 5 illustrates the method by which data from conversion
“n-1” can be read during conversion “n” while using a discon-
tinuous external clock, without the generation of a SYNC out-
put. After a conversion is initiated, indicated by
BUSY going
low, the result of the previous conversion can be read while
CS
is low and R/
C is high. In this mode CS can be tied low. The
MSB will be valid on the 1st falling edge and the 2nd rising edge of
DATACLK. The LSB will be valid on the 16th falling edge and
the 17th rising edge of DATACLK. A minimum of 16 clock
pulses are required for DATACLK if the receiving device will be
latching data on the falling edge of DATACLK. A minimum of
17 clock pulses are required for DATACLK if the receiving
device will be latching data on the rising edge of DATACLK.
In this mode the data should be clocked out during the first half
of
BUSY so not to degrade conversion performance. This re-
quires use of a 10 MHz DATACLK or greater, with data being
read out as soon as the conversion process begins.
EXTERNAL DISCONTINUOUS CLOCK DATA READ
AFTER CONVERSION WITH SYNC OUTPUT GENERATED
Figure 6 illustrates the method by which data from conver-
sion “n” can be read after the conversion is complete using a
discontinuous external clock, with the generation of a SYNC
output. What permits the generation of a SYNC output is a
transition of DATACLK while either
CS is high or while both
CS and R/C are low. After a conversion is complete, indicated
by
BUSY returning high, the result of that conversion can be
read while
CS is Low and R/C is high. In this mode CS can be
tied low. In Figure 6 clock pulse #0 is used to enable the gen-
eration of a SYNC pulse. The SYNC pulse is actually clocked
out approximately 40 ns after the rising edge of clock pulse #1.
The SYNC pulse will be valid on the falling edge of clock pulse
#1 and the rising edge of clock pulse #2. The MSB will be valid
on the falling edge of clock pulse #2 and the rising edge of clock
pulse #3. The LSB will be valid on the falling edge of clock
pulse #17 and the rising edge of clock pulse #18. The advan-
tage of this method of reading data is that it is not being clocked
out during a conversion and therefore conversion performance is
not degraded.
When reading data after the conversion is complete, with the
highest frequency permitted for DATACLK (15.15 MHz), the
maximum possible throughput is approximately 195 kHz and
not the rated 200 kHz.
EXT
DATACLK
R/
C
BUSY
SYNC
DATA
0
BIT 15
(MSB)
BIT 14
t12
t13
t14
1
2
15
16
t15
t1
t20
t2
t21
t18
t18
BIT 0
(LSB)
t22
Figure 5. Conversion and Read Timing for Reading Previous Conversion Results During a Conversion
Using External Discontinuous Data Clock (EXT/
INT Set to Logic High, CS Set to Logic Low)
EXT
DATACLK
R/
C
BUSY
SYNC
DATA
0
t12
12
3
18
t13
t14
417
t15
t15
t15
t2
t17
t12
t18
t18
BIT 15
(MSB)
BIT 14
BIT 0
(LSB)
Figure 6. Conversion and Read Timing Using An External Discontinuous Data Clock
(EXT/
INT Set to Logic High, CS Set to Logic Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com