Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7887ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD7887ARM
Description  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7887ARM Datasheet HTML 3Page - Analog Devices AD7887ARM Datasheet HTML 4Page - Analog Devices AD7887ARM Datasheet HTML 5Page - Analog Devices AD7887ARM Datasheet HTML 6Page - Analog Devices AD7887ARM Datasheet HTML 7Page - Analog Devices AD7887ARM Datasheet HTML 8Page - Analog Devices AD7887ARM Datasheet HTML 9Page - Analog Devices AD7887ARM Datasheet HTML 10Page - Analog Devices AD7887ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD7887
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
Analog Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to AGND
−0.3 V to VDD + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial Temperature Range
A, B Versions
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
SOIC or MSOP Package Power Dissipation
450 mW
θJA Thermal Impedance
157°C/W (SOIC)
205.9°C/W (MSOP)
θJC Thermal Impedance
56°C/W (SOIC)
43.74°C/W (MSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Pb-Free Temperature, Soldering Reflow
260(0)°C
ESD
4 kV
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Rev. E | Page 6 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com