Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260ASZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9260ASZ
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9260ASZ Datasheet HTML 6Page - Analog Devices AD9260ASZ Datasheet HTML 7Page - Analog Devices AD9260ASZ Datasheet HTML 8Page - Analog Devices AD9260ASZ Datasheet HTML 9Page - Analog Devices AD9260ASZ Datasheet HTML 10Page - Analog Devices AD9260ASZ Datasheet HTML 11Page - Analog Devices AD9260ASZ Datasheet HTML 12Page - Analog Devices AD9260ASZ Datasheet HTML 13Page - Analog Devices AD9260ASZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD9260
Rev. C | Page 9 of 44
DIGITAL SPECIFICATIONS
AVDD = +5 V, DVDD = +5 V, TMIN to TMAX unless otherwise noted.
Table 8.
Parameter
AD9260
Unit
CLOCK1 AND LOGIC INPUTS
High Level Input Voltage
(DVDD = +5 V)
+3.5
V min
(DVDD = +3 V)
+2.1
V max
Low Level Input Voltage
(DVDD = +5 V)
+1.0
V min
(DVDD = +3 V)
+0.9
V max
High Level Input Current (VIN = DVDD)
± 10
µA max
Low Level Input Current (VIN = 0 V)
± 10
µA max
Input Capacitance
5
pF typ
LOGIC OUTPUTS (with DRVDD = 5 V)
High Level Output Voltage (IOH = 50 µA)
+4.5
V min
High Level Output Voltage (IOH = 0.5 mA)
+2.4
V min
Low Level Output Voltage2 (IOL = 0.3 mA)
+0.4
V max
Low Level Output Voltage (IOL = 50 µA)
+0.1
V max
Output Capacitance
5
pF typ
LOGIC OUTPUTS (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50 µA)
+2.4
V min
Low Level Output Voltage (IOL = 50 µA)
+0.7
V max
1 Since CLK is referenced to AVDD, +5 V logic input levels only apply.
2 The AD9260 is not guaranteed to meet VOL = 0.4 V max for standard TTL load of IOL = 1.6 mA.
ANALOG INPUT
INPUT CLOCK
DATA OUTPUT
DAV
S1
S2
tDS
tH
tCH
tCL
tDAV
tDI
tC
READ
CS
tOD
tOE
Figure 8. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com