Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73360ASUZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD73360ASUZ
Description  Six-input Channel Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASUZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD73360ASUZ Datasheet HTML 17Page - Analog Devices AD73360ASUZ Datasheet HTML 18Page - Analog Devices AD73360ASUZ Datasheet HTML 19Page - Analog Devices AD73360ASUZ Datasheet HTML 20Page - Analog Devices AD73360ASUZ Datasheet HTML 21Page - Analog Devices AD73360ASUZ Datasheet HTML 22Page - Analog Devices AD73360ASUZ Datasheet HTML 23Page - Analog Devices AD73360ASUZ Datasheet HTML 24Page - Analog Devices AD73360ASUZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
REV.
B
AD73360
–20–
Resetting the AD73360
The
RESET pin resets all the control registers. All registers are
reset to zero indicating that the default SCLK rate (DMCLK/8)
and sample rate (DMCLK/2048) are at a minimum to ensure
that slow speed DSP engines can communicate effectively. As
well as resetting the control registers using the
RESET pin, the
device can be reset using the
RESET bit (CRA:7) in Control
Register A. Both hardware and software resets require four
DMCLK cycles. On reset, DATA/
PGM (CRA:0) is set to 0
(default condition) thus enabling Program Mode. The reset
conditions ensure that the device must be programmed to the
correct settings after power-up or reset. Following a reset, the
SDOFS will be asserted approximately 2070 master (MCLK)
cycles after
RESET goes high. The data that is output following
the reset and during Program Mode is random and contains no
valid information until either data or mixed mode is set.
Power Management
The individual functional blocks of the AD73360 can be en-
abled separately by programming the power control register
CRC. It allows certain sections to be powered down if not re-
quired, which adds to the device’s flexibility in that the user
need not incur the penalty of having to provide power for a
certain section if it is not necessary to their design. The power
control registers provide individual control settings for the major
functional blocks on each analog front end unit and also a global
override that allows all sections to be powered up/down by
setting/clearing the bit. Using this method the user could, for
example, individually enable a certain section, such as the refer-
ence (CRC:5), and disable all others. The global power-up
(CRC:0) can be used to enable all sections but if power-down is
required using the global control, the reference will still be en-
abled; in this case, because its individual bit is set. Refer to
Table XII for details of the settings of CRC. CRD–CRF can be
used to control the power status of individual channels allowing
multiple channels to be powered down if required.
Operating Modes
There are three operating modes available on the AD73360.
They are Program, Data and Mixed Program/Data. The device
configuration—register settings—can be changed only in Pro-
gram and Mixed Program/Data Modes. In all modes, transfers
of information to or from the device occur in 16-bit packets,
therefore the DSP engine’s SPORT will be programmed for 16-
bit transfers.
Program (Control) Mode
In Program Mode, CRA:0 = 0, the user writes to the control
registers to set up the device for desired operation—SPORT
operation, cascade length, power management, input/output
gain, etc. In this mode, the 16-bit information packet sent to the
device by the DSP engine is interpreted as a control word whose
format is shown in Table VI. In this mode, the user must ad-
dress the device to be programmed using the address field of the
control word. This field is read by the device and if it is zero
(000 bin), the device recognizes the word as being addressed to it.
If the address field is not zero, it is then decremented and the
control word is passed out of the device—either to the next
device in a cascade or back to the DSP engine. This 3-bit ad-
dress format allows the user to uniquely address any one of up
to eight devices in a cascade. If the AD73360 is used in a stand-
alone configuration connected to a DSP, the device address
corresponds to 0. If, on the other hand, the AD73360 is config-
ured in a cascade of multiple devices, its device address corre-
sponds with its hardwired position in the cascade.
Following reset, when the SE pin is enabled, the AD73360
responds by raising the SDOFS pin to indicate that an output
sample event has occurred. Control words can be written to the
device to coincide with the data being sent out of the SPORT, as
shown in Figure 12 (Directly Coupled), or they can lag the out-
put words by a time interval that should not exceed the sample
interval (Indirectly Coupled). Refer to the Digital Interface
section for more information. After reset, output frame sync
pulses will occur at a slower default sample rate, which is DM-
CLK/2048, until Control Register B is programmed, after which
the SDOFS will be pulsed at the selected rate. This is to allow
slow controller devices to establish communication with the
AD73360. During Program Mode, the data output by the de-
vice is random and should not be interpreted as ADC data.
Data Mode
Once the device has been configured by programming the cor-
rect settings to the various control registers, the device may exit
Program Mode and enter Data Mode. This is done by program-
ming the DATA/
PGM (CRA:0) bit to a 1 and MM (CRA:1) to
0. Once the device is in Data Mode, the input data is ignored.
When the device is in normal Data Mode (i.e., mixed mode
disabled), it must receive a hardware reset to reprogram any of
the control register settings.
Appendix C details the initialization and operation of an analog
front end cascade in normal Data Mode.
Mixed Program/Data Mode
This mode allows the user to send control words to the device
while receiving ADC words. This permits adaptive control of
the device whereby control of the input gains can be affected by
reprogramming the control registers. The standard data frame
remains 16 bits, but now the MSB is used as a flag bit to indi-
cate that the remaining 15 bits of the frame represents control
information. Mixed mode is enabled by setting the MM bit
(CRA:1) to 1 and the DATA/
PGM bit (CRA:0) to 1. In the
case where control setting changes will be required during nor-
mal operation, this mode allows the ability to load control infor-
mation with the slight inconvenience of formatting the data.
Note that the output samples from the ADC will also have the
MSB set to zero to indicate it is a data word.
A description of a single device operating in mixed mode is
detailed in Appendix B, while Appendix D details the initializa-
tion and operation of an analog front end cascade operating in
mixed mode. Note that it is not essential to load the control
registers in Program Mode before setting mixed mode active.
Mixed mode may be selected with the first write by program-
ming CRA and then transmitting other control words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com