Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS6
Description  DC Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS6 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS6 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS6 Datasheet HTML 2Page - Teledyne Technologies Incorporated AS6 Datasheet HTML 3Page - Teledyne Technologies Incorporated AS6 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS4 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2014 TELEDYNE RELAYS
AS4\042014\Q2
Series AS4
4A to 460 Vac SIP Package
DC Control
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Control Range
AS24D4E/R
4
30
Vdc
AS46D4E
4
30
Vdc
Input Current Range
AS24D4E/R
3
30
mA
AS46D4E
3
30
mA
Must Turn-Off Voltage
AS24D4E/R
0.8
Vdc
AS46D4E
0.8
Vdc
Input Resistance (Typical)
AS24D4E/R
1,000
Ohms
AS46D4E
1,000
Ohms
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Operating Range
AS24D4E/R
12
275
Vrms
AS46D4E
12
460
Vrms
Peak Voltage (Clamping Voltage)
AS24D4E/R
600(450) Vpeak
AS46D4E
900(720) Vpeak
Load Current Range
.005
4
Arms
Maximum Surge Current Rating (Non-Repetitive)
(See Figure 5a and Figure 5b
AS24D4E/R
100
Apeak
AS46D4E
100
Apeak
On-State Voltage Drop
1.6
V
Zero-Cross Window (Typical)
AS24D4E/R
±12
V
AS46D4E
±12
V
Off-State Leakage Current (60Hz)
AS24D4E/R
0.3
mArms
AS46D4E
0.3
mArms
Turn-On Time (60Hz)
8.3
ms
AS24D4E/R
8.3
ms
AS46D4E
8.3
ms
Turn-Off Time (60Hz)
8.3
ms
Off-State dv/dt
500
V/ųs
Operating Frequency
10
440
Hz
I²T for Match Fusing (<8.3ms)
AS24D4E/R
50
A²S
AS46D4E
50
A²S
TYPICAL APPLICATION
L1
L1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com