Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58FVB160AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC58FVB160AF
Description  16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB160AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC58FVB160AF Datasheet HTML 1Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 2Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 3Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 4Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB160AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TC58FVT160/B160AFT/AXB-70,-10
2001-09-05 1/41
• Block erase architecture
1 × 16 Kbytes / 2 × 8 Kbytes
1 × 32 Kbytes / 31 × 64 Kbytes
• Boot block architecture
TC58FVT160AFT/AXB: top boot block
TC58FVB160AFT/AXB: bottom boot block
• Mode control
Compatible with JEDEC standard commands
• Erase/Program cycles
105 cycles typ.
• Access time
70 ns
(CL: 30 pF)
100 ns
(CL: 100 pF)
• Power consumption
5 µA
(Standby)
30 mA
(Read operation)
15 mA
(Program/Erase operations)
• Package
TSOPI48-P-1220-0.50 (weight: 0.51 g)
P-TFBGA48-0608-0.80AZ (weight: TBD)
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
16-MBIT (2M
× 8 BITS / 1M × 16 BITS) CMOS FLASH MEMORY
DESCRIPTION
The TC58FVT160/B160A is a 16,777,216-bit, 3.0-V read-only electrically erasable and programmable flash
memory organized as 2,097,152 words × 8 bits or as 1,048,576 words × 16 bits. The TC58FVT160/B160A features
commands for Read, Program and Erase operations to allow easy interfacing with microprocessors. The commands
are based on the JEDEC standard. The Program and Erase operations are automatically executed in the chip.
FEATURES
• Power supply voltage
VDD = 2.7 V~3.6 V
• Operating temperature
Ta = −40°C~85°C
• Organization
2M × 8 bits / 1M × 16 bits
• Functions
Auto Program, Auto Erase
Fast Program Mode
Program Suspend/Resume
Erase Suspend/Resume
data polling / Toggle bit
block protection
Automatic Sleep, support for hidden ROM area
common flash memory interface (CFI)
Byte/Word Modes
PIN ASSIGNMENT (TOP VIEW)
…
…
…
…TC58FVT160/B160AFT
PIN NAMES
A-1, A0~A19
Address Input
DQ0~DQ15
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
BYTE
Word/Byte Select Input
WE
Write Enable Input
BY
/
RY
Ready/Busy Output
RESET
Hardware Reset Input
NC
Not Connected
VDD
Power Supply
VSS
Ground
BYTE
1
48
2
47
3
46
4
45
5
44
6
43
7
42
8
41
9
40
10
39
11
38
12
37
13
36
14
35
15
34
16
33
17
32
18
31
19
30
20
29
21
28
22
27
23
26
24
25
A16
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VDD
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
VSS
A0
OE
CE
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
WE
RESET
BY
/
RY
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer,
when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid
situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to
property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide
for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control
instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
000707EBA2


Similar Part No. - TC58FVB160AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB160AFT TOSHIBA-TC58FVB160AFT Datasheet
548Kb / 41P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB160AFT-10 TOSHIBA-TC58FVB160AFT-10 Datasheet
548Kb / 41P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB160AFT-70 TOSHIBA-TC58FVB160AFT-70 Datasheet
548Kb / 41P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC58FVB160AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58FVT321FT-10 TOSHIBA-TC58FVT321FT-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com