Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12361 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12361
Description  HighBay Lens array
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12361 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12361 Datasheet HTML 1Page - Ledil, Inc. C12361 Datasheet HTML 2Page - Ledil, Inc. C12361 Datasheet HTML 3Page - Ledil, Inc. C12361 Datasheet HTML 4Page - Ledil, Inc. C12361 Datasheet HTML 5Page - Ledil, Inc. C12361 Datasheet HTML 6Page - Ledil, Inc. C12361 Datasheet HTML 7Page - Ledil, Inc. C12361 Datasheet HTML 8Page - Ledil, Inc. C12361 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
PRODUCT DATASHEET
HighBay series
last update 7/12/2017
DETAILS
Product Number
C12361_HB-2X2-W
Family
HighBay
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
8,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
7/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
55 deg
HighBay
94 %
0.940
-
QUICK FLUX XTP 2x4 xxx LS G5
52 deg
HighBay
94 %
0.990
-
XM-L
57 deg
HighBay
89 %
0.860
-
XP-G
52 deg
HighBay
88 %
0.920
-
XP-E
sim: 50
HighBay
-
-
-
XT-E
50 deg
HighBay
87 %
0.970
-
XB-D
48 deg
HighBay
86 %
0.960
-
XP-G2
51 deg
HighBay
88 %
0.900
-
XM-L2
56 deg
HighBay
87 %
0.900
-
XP-L
56 deg
HighBay
87 %
0.800
-
XQ-E HI
sim: 42
HighBay
sim: 93 % sim: 1.370 -
XHP35 HI
sim: 52
HighBay
sim: 93 % sim: 1.200 -
XP-G3
sim: 54
HighBay
sim: 94 % sim: 1.000 -
XP-L2
56 deg
HighBay
92 %
0.830
-
XD16
48 deg
HighBay
91 %
0.900
-
XD16 2x2 cluster
54 deg
HighBay
91 %
0.880
-
H35C1 (LEMWA33)
53 deg
HighBay
86 %
1.000
-
LUXEON A
sim: 52
HighBay
-
-
-
LUXEON Rebel
sim: 52
HighBay
-
-
-
LUXEON Rebel ES
51 deg
HighBay
87 %
0.940
-
LUXEON T
55 deg
HighBay
87 %
0.900
-
LUXEON Z ES
46 deg
HighBay
87 %
1.180
-
LUXEON H50-2
sim: 52
HighBay
sim: 91 % sim: 4.700 -
LUXEON Q
50 deg
HighBay
86 %
0.900
-
LUXEON MZ
53 deg
HighBay
92 %
1.000
-
January 25th 2018 8:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/4
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12361

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12361 CREE-C12361 Datasheet
6Mb / 105P
HighBay series
C12361-HB-2X2 CREE-C12361-HB-2X2 Datasheet
294Kb / 5P
High Bay series
More results

Similar Description - C12361

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C13605 LEDIL-C13605 Datasheet
3Mb / 47P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C14605 LEDIL-C14605 Datasheet
2Mb / 46P
HighBay Lens array
C14606 LEDIL-C14606 Datasheet
3Mb / 66P
HighBay Lens array
C14607 LEDIL-C14607 Datasheet
3Mb / 62P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com