Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13300 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13300
Description  Strada Lens array
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13300 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13300 Datasheet HTML 1Page - Ledil, Inc. C13300 Datasheet HTML 2Page - Ledil, Inc. C13300 Datasheet HTML 3Page - Ledil, Inc. C13300 Datasheet HTML 4Page - Ledil, Inc. C13300 Datasheet HTML 5Page - Ledil, Inc. C13300 Datasheet HTML 6Page - Ledil, Inc. C13300 Datasheet HTML 7Page - Ledil, Inc. C13300 Datasheet HTML 8Page - Ledil, Inc. C13300 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
PRODUCT DATASHEET
Strada series
last update 12/5/2017
DETAILS
Product Number
C13300_STRADA-2X2-T2
Family
Strada
Type
Lens array
Color
clear
Diameter
50 + 50 mm
Height
7,7 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
12/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
Asymmetric degAsymmetric 94 %
0.700
-
QUICK FLUX XTP 2x4 xxx LS G5
Asymmetric degAsymmetric 94 %
1.000
-
QUICK FLUX XTP 2x6 xxx LS G5
Asymmetric degAsymmetric 94 %
1.000
-
XT-E
Asymmetric degAsymmetric 93 %
-
-
XP-G
Asymmetric degAsymmetric 94 %
1.100
-
XM-L
Asymmetric degAsymmetric 95 %
0.800
-
XB-D
Asymmetric degAsymmetric 94 %
1.100
-
XP-G2
Asymmetric degAsymmetric 91 %
1.000
-
XM-L2
Asymmetric degAsymmetric 94 %
0.700
-
XB-H
sim: AsymmetricAsymmetric sim: 91 % -
-
XP-L
Asymmetric degAsymmetric 94 %
0.830
-
XP-L HI
Asymmetric degAsymmetric 94 %
1.100
-
XHP35 HD
sim: AsymmetricAsymmetric sim: 90 % -
-
XHP35 HI
sim: AsymmetricAsymmetric sim: 92 % -
-
XP-L2
Asymmetric degAsymmetric 94 %
0.760
-
XD16
Asymmetric degAsymmetric 94 %
1.300
-
XD16 2x2 cluster
Asymmetric degAsymmetric 94 %
0.740
-
H35C0 (LEMWA33)
Asymmetric degAsymmetric 94 %
1.000
-
H35C1 (LEMWA33)
Asymmetric degAsymmetric 94 %
1.000
-
LUXEON R
Asymmetric degAsymmetric 94 %
1.000
-
LUXEON Rebel ES
Asymmetric degAsymmetric 94 %
1.100
-
LUXEON T
Asymmetric degAsymmetric 94 %
1.100
-
LUXEON Z ES
Asymmetric degAsymmetric 94 %
1.500
-
LUXEON H50-2
sim: AsymmetricAsymmetric -
-
-
LUXEON Q
Asymmetric degAsymmetric 94 %
1.100
-
January 25th 2018 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13300

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13300 CREE-C13300 Datasheet
5Mb / 88P
Strada series
More results

Similar Description - C13300

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13299 LEDIL-C13299 Datasheet
6Mb / 114P
Strada Lens array
C13604 LEDIL-C13604 Datasheet
5Mb / 80P
Strada Lens array
C12360 LEDIL-C12360 Datasheet
5Mb / 83P
Strada Lens array
CS16401 LEDIL-CS16401 Datasheet
941Kb / 14P
Strada Lens array
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C12419 LEDIL-C12419 Datasheet
5Mb / 80P
Strada Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13499 LEDIL-C13499 Datasheet
5Mb / 82P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com