Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14606 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14606
Description  HighBay Lens array
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14606 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14606 Datasheet HTML 1Page - Ledil, Inc. C14606 Datasheet HTML 2Page - Ledil, Inc. C14606 Datasheet HTML 3Page - Ledil, Inc. C14606 Datasheet HTML 4Page - Ledil, Inc. C14606 Datasheet HTML 5Page - Ledil, Inc. C14606 Datasheet HTML 6Page - Ledil, Inc. C14606 Datasheet HTML 7Page - Ledil, Inc. C14606 Datasheet HTML 8Page - Ledil, Inc. C14606 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
PRODUCT DATASHEET
HighBay series
last update 21/4/2016
DETAILS
Product Number
C14606_HB-2X2-WW
Family
HighBay
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
8,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
59 deg
Very Wide
94 %
0.840
-
XM-L
66 deg
Very Wide
93 %
0.760
-
XP-L
66 deg
Very Wide
93 %
0.735
-
XM-L2
62 deg
Very Wide
92 %
0.803
-
XP-G3
sim: 71
Very Wide
sim: 94 % sim: 0.760 -
XP-G2
63 deg
Very Wide
91 %
0.830
-
XP-L2
62 deg
Very Wide
93 %
0.770
-
XT-E
sim: 69
Very Wide
sim: 94 % sim: 0.780 -
XD16
63 deg
Very Wide
93 %
0.800
-
XD16 2x2 cluster
61 deg
Very Wide
92 %
0.780
-
H35C1 (LEMWA33)
63 deg
Very Wide
92 %
0.820
-
LUXEON 5050
61 deg
Very Wide
94 %
0.820
-
LUXEON MZ
sim: 66
Very Wide
sim: 94 % sim: 0.880 -
LUXEON 3535L
sim: 66
Very Wide
sim: 94 % sim: 0.870 -
LUXEON V
63 deg
Very Wide
93 %
0.800
-
NWSx229A
63 deg
Very Wide
85 %
0.770
-
NVSW3x9A
62 deg
Very Wide
93 %
0.830
-
Duris S8
sim: 52
Very Wide
sim: 91 % sim: 1.100 -
Oslon Square Gen3
64 deg
Very Wide
92 %
0.820
-
OSCONIQ P 3737 (3W version)
sim: 66
Very Wide
sim: 94 % sim: 0.920 -
PrevaLED Brick DC 2x8
64 deg
Very Wide
92 %
0.820
-
Fortimo FastFlex LED board 2x8 DA G4 64 deg
Very Wide
93 %
0.790
-
Fortimo FastFlex LED board 2x8 DAX G4sim: 71
Very Wide
sim: 94 % sim: 0.760 -
LH351B
62 deg
Very Wide
86 %
0.830
-
LH351D
62 deg
Very Wide
91 %
0.780
-
January 25th 2018 8:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14606

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14606 CREE-C14606 Datasheet
3Mb / 56P
HighBay series
More results

Similar Description - C14606

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C13605 LEDIL-C13605 Datasheet
3Mb / 47P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C14605 LEDIL-C14605 Datasheet
2Mb / 46P
HighBay Lens array
C14607 LEDIL-C14607 Datasheet
3Mb / 62P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com