Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11265 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11265
Description  Heidi Assembly
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11265 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11265 Datasheet HTML 1Page - Ledil, Inc. CA11265 Datasheet HTML 2Page - Ledil, Inc. CA11265 Datasheet HTML 3Page - Ledil, Inc. CA11265 Datasheet HTML 4Page - Ledil, Inc. CA11265 Datasheet HTML 5Page - Ledil, Inc. CA11265 Datasheet HTML 6Page - Ledil, Inc. CA11265 Datasheet HTML 7Page - Ledil, Inc. CA11265 Datasheet HTML 8Page - Ledil, Inc. CA11265 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRODUCT DATASHEET
Heidi series
last update 8/6/2016
DETAILS
Product Number
CA11265_HEIDI-M
Family
Heidi
Type
Assembly
Color
clear
Diameter
21,6 mm
Height
11,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
8/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
28 deg
Medium
92 %
3.300
-
XP-E
28 deg
Medium
92 %
2.860
-
XB-D
29 deg
Medium
87 %
2.000
-
XB-H
27 deg
Medium
87 %
3.400
-
XT-E
sim: 28
Medium
sim: 93 % sim: 3.700 -
LUXEON T
28 deg
Medium
87 %
3.300
-
LUXEON TX
29 deg
Medium
88 %
3.400
-
LUXEON C
26 deg
Medium
87 %
3.950
-
LUXEON Z ES
sim: 28
Medium
sim: 94 % sim: 4.050 -
NCSxx19A
26 deg
Medium
87 %
3.000
-
NVSxx19A
28 deg
Medium
87 %
3.100
-
NVSxx19B/NVSxx19C
28 deg
Medium
90 %
3.300
-
NCSxx19B
29 deg
Medium
88 %
3.700
-
Oslon SSL 80
28 deg
Medium
87 %
3.130
-
Oslon SSL 150
26 deg
Medium
90 %
3.400
-
Oslon Square EC
sim: 29
Medium
-
sim: 3.200 -
Oslon Square Gen3
sim: 28
Medium
sim: 94 % sim: 3.500 -
Fortimo FastFlex LED board 2x8/757 DS G3
25 deg
Medium
90 %
4.000
-
Z5
28 deg
Medium
87 %
3.670
-
Z5M1/Z5M2
29 deg
Medium
89 %
3.400
-
January 25th 2018 8:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA11265

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11265 CREE-CA11265 Datasheet
1Mb / 26P
Heidi series
More results

Similar Description - CA11265

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12538 CREE-CA12538 Datasheet
877Kb / 18P
Heidi series
CA12815 CREE-CA12815 Datasheet
905Kb / 19P
Heidi series
CA12537 CREE-CA12537 Datasheet
971Kb / 20P
Heidi series
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
Heidi series
logo
Ledil, Inc.
CA11264 LEDIL-CA11264 Datasheet
1Mb / 34P
Heidi Assembly
CA11266 LEDIL-CA11266 Datasheet
3Mb / 58P
Heidi Assembly
CA11267 LEDIL-CA11267 Datasheet
2Mb / 42P
Heidi Assembly
CA11268 LEDIL-CA11268 Datasheet
2Mb / 41P
Heidi Assembly
CA11663 LEDIL-CA11663 Datasheet
1Mb / 35P
Heidi Assembly
CA12242 LEDIL-CA12242 Datasheet
1Mb / 31P
Heidi Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com