Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11266 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11266
Description  Heidi Assembly
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11266 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11266 Datasheet HTML 1Page - Ledil, Inc. CA11266 Datasheet HTML 2Page - Ledil, Inc. CA11266 Datasheet HTML 3Page - Ledil, Inc. CA11266 Datasheet HTML 4Page - Ledil, Inc. CA11266 Datasheet HTML 5Page - Ledil, Inc. CA11266 Datasheet HTML 6Page - Ledil, Inc. CA11266 Datasheet HTML 7Page - Ledil, Inc. CA11266 Datasheet HTML 8Page - Ledil, Inc. CA11266 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
PRODUCT DATASHEET
Heidi series
last update 8/6/2016
DETAILS
Product Number
CA11266_HEIDI-O
Family
Heidi
Type
Assembly
Color
clear
Diameter
21,6 mm
Height
11,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, tape
Status
production ready
ROHS Compliant
Yes
Date Updated
8/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
47+14 deg
Oval
87 %
3.300
-
XP-E
48+10 deg
Oval
87 %
4.100
-
XB-D
54+10 deg
Oval
87 %
3.900
-
XP-E2
54+9 deg
Oval
85 %
4.800
-
XB-H
53+11 deg
Oval
83 %
3.300
-
XQ-E HI
53+7 deg
Oval
90 %
4.500
-
XD16
52+10 deg
Oval
89 %
3.200
-
H35C0 (LEMWA33)
sim: 49+12
Oval
sim: 79 % sim: 3.130 -
LUXEON T
52+12 deg
Oval
81 %
3.200
-
LUXEON TX
54+12 deg
Oval
82 %
3.500
-
LUXEON Z ES
54+9,6 deg
Oval
85 %
3.800
-
LUXEON Z
55+7,5 deg
Oval
87 %
4.900
-
LUXEON C
53+9 deg
Oval
81 %
4.100
-
NCSxx19A
46+12 deg
Oval
82 %
3.300
-
NVSxx19A
50+12 deg
Oval
82 %
3.000
-
NVSxx19B/NVSxx19C
48+15 deg
Oval
82 %
2.700
-
NCSxx19B
55+11 deg
Oval
83 %
3.600
-
NF2x757G
sim: 54+12
Oval
sim: 91 % sim: 3.280 -
NFSx757G
sim: 54+10
Oval
-
sim: 3.720 -
Oslon SSL 80
47+8 deg
Oval
83 %
4.100
-
Oslon SSL 150
50+8 deg
Oval
85 %
4.500
-
Oslon Square EC
48+12 deg
Oval
86 %
3.500
-
Oslon Square Gen3
52+13 deg
Oval
80 %
3.670
-
Fortimo FastFlex LED board 2x8/757 DS G3
55+11 deg
Oval
86 %
3.700
-
LH351Z
54+12 deg
Oval
83 %
3.600
-
January 25th 2018 8:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA11266

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11266 CREE-CA11266 Datasheet
3Mb / 52P
Heidi series
More results

Similar Description - CA11266

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12538 CREE-CA12538 Datasheet
877Kb / 18P
Heidi series
CA12815 CREE-CA12815 Datasheet
905Kb / 19P
Heidi series
CA12537 CREE-CA12537 Datasheet
971Kb / 20P
Heidi series
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
Heidi series
logo
Ledil, Inc.
CA11264 LEDIL-CA11264 Datasheet
1Mb / 34P
Heidi Assembly
CA11265 LEDIL-CA11265 Datasheet
1Mb / 30P
Heidi Assembly
CA11267 LEDIL-CA11267 Datasheet
2Mb / 42P
Heidi Assembly
CA11268 LEDIL-CA11268 Datasheet
2Mb / 41P
Heidi Assembly
CA11663 LEDIL-CA11663 Datasheet
1Mb / 35P
Heidi Assembly
CA12242 LEDIL-CA12242 Datasheet
1Mb / 31P
Heidi Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com