Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13546 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13546
Description  Emily Assembly
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13546 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13546 Datasheet HTML 1Page - Ledil, Inc. CA13546 Datasheet HTML 2Page - Ledil, Inc. CA13546 Datasheet HTML 3Page - Ledil, Inc. CA13546 Datasheet HTML 4Page - Ledil, Inc. CA13546 Datasheet HTML 5Page - Ledil, Inc. CA13546 Datasheet HTML 6Page - Ledil, Inc. CA13546 Datasheet HTML 7Page - Ledil, Inc. CA13546 Datasheet HTML 8Page - Ledil, Inc. CA13546 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PRODUCT DATASHEET
Emily series
last update 20/7/2016
DETAILS
Product Number
CA13546_EMILY-RS
Family
Emily
Type
Assembly
Color
clear
Diameter
26 mm
Height
14,74 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
20/07/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-L
13 deg
Real spot
89 %
13.100
-
XB-H
9 deg
Real spot
88 %
24.700
-
XP-L HI
8 deg
Real spot
88 %
28.000
-
LUXEON Z ES
5 deg
Real spot
91 %
52.000
-
LUXEON Z
sim: 5,9
Real spot
sim: 94 % sim: 65.300 -
Oslon Square EC
8 deg
Real spot
90 %
29.100
-
Oslon Black Flat
sim: 6,3
Real spot
sim: 94 % sim: 50.400 -
Oslon Black
sim: 11
Real spot
sim: 94 % sim: 19.700 -
Oslon Square Gen3
sim: 11
Real spot
sim: 94 % sim: 19.400 -
Z5M1/Z5M2
9 deg
Real spot
91 %
23.700
-
January 25th 2018 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA13546

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
Emily series
More results

Similar Description - CA13546

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
Emily series
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
Emily series
CA12068 CREE-CA12068 Datasheet
514Kb / 7P
Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
Emily series
logo
Ledil, Inc.
CA11388 LEDIL-CA11388 Datasheet
637Kb / 10P
Emily Assembly
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
Emily Assembly
CA11391 LEDIL-CA11391 Datasheet
646Kb / 9P
Emily Assembly
CA12062 LEDIL-CA12062 Datasheet
2Mb / 39P
Emily Assembly
CA15359 LEDIL-CA15359 Datasheet
371Kb / 5P
Emily Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com