Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS14597 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CS14597
Description  HighBay Assembly
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14597 Datasheet(HTML) 2 Page - Ledil, Inc.

  CS14597 Datasheet HTML 1Page - Ledil, Inc. CS14597 Datasheet HTML 2Page - Ledil, Inc. CS14597 Datasheet HTML 3Page - Ledil, Inc. CS14597 Datasheet HTML 4Page - Ledil, Inc. CS14597 Datasheet HTML 5Page - Ledil, Inc. CS14597 Datasheet HTML 6Page - Ledil, Inc. CS14597 Datasheet HTML 7Page - Ledil, Inc. CS14597 Datasheet HTML 8Page - Ledil, Inc. CS14597 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
PRODUCT DATASHEET
HighBay series
last update 7/7/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Oslon Square Gen3
110+29 deg
Asymmetric 92 %
0.720
-
Oslon SSL 80
26+92 deg
Asymmetric 93 %
0.890
-
OSCONIQ P 3737 (3W version)
sim: 27+100
Asymmetric sim: 94 % sim: 1.020 -
Fortimo FastFlex LED board 2x6 DP G4 32+116 deg
Asymmetric 92 %
0.660
-
Fortimo FastFlex LED board 2x6 DPX G433+119 deg
Asymmetric 92 %
0.630
-
LH351Z
29+104 deg
Asymmetric 91 %
0.770
-
Z5M1/Z5M2
29+105 deg
Asymmetric 90 %
0.730
-
Z8Y22P
122+32 deg
Asymmetric 92 %
0.630
-
SMJQ-D36W12Mx
30+119 deg
Asymmetric 91 %
0.640
-
SMJQ-D36W12Px
121+32 deg
Asymmetric 92 %
0.610
-
Z8Y22
30+119 deg
Asymmetric 91 %
0.640
-
TL1L4
29+107 deg
Asymmetric 87 %
0.690
-
January 25th 2018 8:12 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com