Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313481 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # 313481
Description  centerline 5.00 mm, direction of connection vertical 0째
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

313481 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  313481 Datasheet HTML 1Page - METZ CONNECT GmbH 313481 Datasheet HTML 2Page - METZ CONNECT GmbH 313481 Datasheet HTML 3Page - METZ CONNECT GmbH 313481 Datasheet HTML 4Page - METZ CONNECT GmbH 313481 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
310201xx
xx=number of poles
2017/05/04
PT045xxVBBN
Illustration
see enlarged drawing at the end of the document
Product specification
• pin header, solderable
• centerline 5.00 mm, direction of connection vertical 0°
• closed ends
• color black


Similar Part No. - 313481

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
313481 METZ-313481 Datasheet
324Kb / 5P
pin header, solderable
More results

Similar Description - 313481

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
311891XX METZ-311891XX Datasheet
263Kb / 5P
centerline 3.50 mm, direction of connection vertical 0째
312241XX METZ-312241XX Datasheet
221Kb / 5P
centerline 3.50 mm, direction of connection vertical 0째
313691XX METZ-313691XX Datasheet
286Kb / 5P
centerline 3.81 mm, direction of connection vertical 0째
ASP045XX METZ-ASP045XX Datasheet
322Kb / 5P
centerline 5.00 mm, direction of connection vertical 0째
AST125XX METZ-AST125XX Datasheet
394Kb / 5P
centerline 5.00 mm, direction of connection vertical 0째
FM20CXXVBNN METZ-FM20CXXVBNN Datasheet
259Kb / 4P
centerline 2.00 mm, direction of connection vertical 0째
FR20CXXVBDN METZ-FR20CXXVBDN Datasheet
287Kb / 4P
centerline 2.00 mm, direction of connection vertical 0째
PM202XXHBNN METZ-PM202XXHBNN Datasheet
237Kb / 4P
centerline 2.54 mm, direction of connection 90째
PM202XXVBDN METZ-PM202XXVBDN Datasheet
264Kb / 4P
centerline 2.54 mm, direction of connection vertical 0째
PM202XXVBNN METZ-PM202XXVBNN Datasheet
233Kb / 4P
centerline 2.54 mm, direction of connection vertical 0째
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com