Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8925ST Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8925ST
Description  Power stage 2 x 15 to 25Wclass-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8925ST Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8925ST Datasheet HTML 1Page - NXP Semiconductors TDA8925ST Datasheet HTML 2Page - NXP Semiconductors TDA8925ST Datasheet HTML 3Page - NXP Semiconductors TDA8925ST Datasheet HTML 4Page - NXP Semiconductors TDA8925ST Datasheet HTML 5Page - NXP Semiconductors TDA8925ST Datasheet HTML 6Page - NXP Semiconductors TDA8925ST Datasheet HTML 7Page - NXP Semiconductors TDA8925ST Datasheet HTML 8Page - NXP Semiconductors TDA8925ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2004 May 06
2
Philips Semiconductors
Product specification
Power stage 2 x 15 to 25 W class-D
audio amplifier
TDA8925
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Power stage
8.2
Protection
8.2.1
Overtemperature
8.2.2
Short-circuit across the loudspeaker terminals
9
LIMITING VALUES
10
THERMAL CHARACTERISTICS
11
QUALITY SPECIFICATION
12
DC CHARACTERISTICS
13
AC CHARACTERISTICS
14
SWITCHING CHARACTERISTICS
15
TEST AND APPLICATION INFORMATION
15.1
SE application
15.2
Package ground connection
15.3
Output power
15.4
Reference design
15.5
Reference design bill of material
15.5.1
Version 2; revision 5
15.5.2
Printed-circuit board
15.6
Curves measured in reference design
16
PACKAGE OUTLINES
17
SOLDERING
17.1
Introduction to soldering through-hole mount
packages
17.2
Soldering by dipping or by solder wave
17.3
Manual soldering
17.4
Suitability of through-hole mount IC packages
for dipping and wave soldering methods
18
DATA SHEET STATUS
19
DEFINITIONS
20
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com