Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5002CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL5002CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5002CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL5002CD Datasheet HTML 3Page - Texas Instruments TL5002CD Datasheet HTML 4Page - Texas Instruments TL5002CD Datasheet HTML 5Page - Texas Instruments TL5002CD Datasheet HTML 6Page - Texas Instruments TL5002CD Datasheet HTML 7Page - Texas Instruments TL5002CD Datasheet HTML 8Page - Texas Instruments TL5002CD Datasheet HTML 9Page - Texas Instruments TL5002CD Datasheet HTML 10Page - Texas Instruments TL5002CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TL5002
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS304A – SEPTEMBER 2000 – REVISED AUGUST 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
100 k
10 k
1 M
10 k
100 k
1 M
VCC = 6 V
DT Resistance = Rt
TA = 25°C
Rt – Timing Resistance – Ω
OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE
Figure 5
94
92
90
88
– 50
– 25
0
96
98
100
25
50
75
100
TA – Ambient Temperature – °C
OSCILLATION FREQUENCY
vs
AMBIENT TEMPERATURE
VCC = 6 V
Rt = 100 kΩ
DT Resistance = 100 k
Ω
Figure 6
1
0.5
0
2
1.5
0
1020
3040
VCC – Power-Supply Voltage – V
Rt = 100 kΩ
TA = 25 °C
AVERAGE SUPPLY CURRENT
vs
POWER-SUPPLY VOLTAGE
Figure 7
1
0.9
0.8
0
– 50
– 25
0
1.1
1.2
1.3
25
50
75
100
TA – Ambient Temperature – °C
VCC = 6 V
Rt = 100 kΩ
DT Resistance = 100 k
Ω
AVERAGE SUPPLY CURRENT
vs
AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com