Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4337 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4337
Description  SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4337 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4337 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4337 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4337 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4337 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMB Jack Connector
• MIL-PRF-39012
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.5:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-PRF-39012
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4337 SSMB jack bulkhead connector with crimp/solder attachment for RG178 and RG196 (.126 inch D hole)
is part of our full line of RF components available for same-day shipping. Our SSMB jack connector operates up to a maximum
frequency of 12.4 GHz and offers good VSWR of 1.5:1. This SSMB bulkhead connector allows designers to create external
connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SSMB jack bulkhead connector PE4337 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.5:1
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
at 5 MHz
Corona Discharge
125
Vrms
at 70,000 feet
Insulation Resistance
1,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196,
.126 inch D Hole PE4337
PE4337 REV 1.1
SSMB Jack Bulkhead Mount Connector Crimp/Solder
Attachment for RG178, RG196, .126 inch D Hole
RF Connectors Technical Data Sheet
PE4337


Similar Part No. - PE4337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
More results

Similar Description - PE4337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4887 PASTERNACK-PE4887 Datasheet
230Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE4017 PASTERNACK-PE4017_16 Datasheet
357Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4019 PASTERNACK-PE4019_16 Datasheet
354Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4095 PASTERNACK-PE4095_16 Datasheet
359Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4097 PASTERNACK-PE4097_16 Datasheet
360Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4339 PASTERNACK-PE4339_16 Datasheet
316Kb / 3P
SSMB Jack Bulkhead Mount Connector Solder Attachment
PE4340 PASTERNACK-PE4340_16 Datasheet
313Kb / 3P
SSMB Jack Connector Solder Attachment
PE4364 PASTERNACK-PE4364_16 Datasheet
356Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/ Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com