Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-PR70UR Datasheet(PDF) 4 Page - Inolux Corporation

Part # HT-PR70UR
Description  Super Flux Led Lamp with 3mm Dome
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-PR70UR Datasheet(HTML) 4 Page - Inolux Corporation

  HT-PR70UR Datasheet HTML 1Page - Inolux Corporation HT-PR70UR Datasheet HTML 2Page - Inolux Corporation HT-PR70UR Datasheet HTML 3Page - Inolux Corporation HT-PR70UR Datasheet HTML 4Page - Inolux Corporation HT-PR70UR Datasheet HTML 5Page - Inolux Corporation HT-PR70UR Datasheet HTML 6Page - Inolux Corporation HT-PR70UR Datasheet HTML 7Page - Inolux Corporation HT-PR70UR Datasheet HTML 8Page - Inolux Corporation HT-PR70UR Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HT-PR70XXX Series
Super Flux
Through Hole Lamp
Official Product
HT-PR70XXX series
Customer Part No.
Data Sheet No.
****************
****************
HT-PR70XXX series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 27, 2013
Version of 1.0
Page
4/12
Features:
•
Low Profile, Stable Color
•
4 leads with 3mm Dome
•
Water clear lens
•
InGaN and AlInGaP technology
•
Solid state reliability
•
Special packaging available upon request
-All Dimensions are in millimeters
-Tolerance = +/- 0.25mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com