Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP227GA Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP227GA
Description  TOSHIBA Photocoupler Photo Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP227GA Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP227GA Datasheet HTML 1Page - Toshiba Semiconductor TLP227GA Datasheet HTML 2Page - Toshiba Semiconductor TLP227GA Datasheet HTML 3Page - Toshiba Semiconductor TLP227GA Datasheet HTML 4Page - Toshiba Semiconductor TLP227GA Datasheet HTML 5Page - Toshiba Semiconductor TLP227GA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP227GA, TLP227GA-2
2002-03-13
2
Maximum Rating (Ta
==== 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta >= 25°C)
DIF/°C
-0.5
mA/°C
Peak forward current
(100
ms pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
400
V
TLP227GA
One
channel
On-state
current
TLP227GA-2
Both
channel
ION
120
Ma
TLP227GA
One
channel
On-state
current
rating
(Ta >= 25°C)
TLP227GA-2
Both
channel
DION/°C
-1.2
mA/°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H. <= 60%)
(Note 1)
BVS
2500
Vrms
Note 1: LED pins are shorted together. Detector pins are also shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
¾
¾
320
V
Forward current
IF
5
7.5
25
mA
On-state current
ION
¾
¾
100
mA
Operating temperature
Topr
-20
¾
65
°C
Individual Electrical Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-state current
IOFF
VOFF = 400 V
¾
¾
1
mA
Capacitance
COFF
V
= 0, f = 1 MHz
¾
¾
¾
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com