Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005K Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2005K
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005K Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2005K Datasheet HTML 1Page - Diodes Incorporated DMN2005K Datasheet HTML 2Page - Diodes Incorporated DMN2005K Datasheet HTML 3Page - Diodes Incorporated DMN2005K Datasheet HTML 4Page - Diodes Incorporated DMN2005K Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN2005K
Document number: DS30734 Rev. 9 - 2
2 of 5
www.diodes.com
March 2017
© Diodes Incorporated
DMN2005K
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
10
V
Drain Current Per Element (Note 5)
Continuous
Pulsed (Note 6)
ID
300
600
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
350
mW
Thermal Resistance, Junction to Ambient
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 100µA
Zero Gate Voltage Drain Current
IDSS
10
µA
VDS = 17V, VGS = 0V
Gate-Source Leakage
IGSS
5
µA
VGS = 8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.53
0.9
V
VDS = VGS, ID = 100µA
Static Drain-Source On-Resistance
RDS(ON)

0.55
0.
3.5
1.7
Ω
VGS = 1.8V, ID = 200mA
VGS = 2.7V, ID = 200mA
Forward Transfer Admittance
Yfs
40
mS
VDS = 3V, ID = 10mA
Diode Forward Voltage
VSD
0.7
1.4
V
VGS = 0V, IS = 200mA
Notes:
5. Device mounted on FR-4 PCB.
6. Pulse width
10μS, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.
0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 4.5V
GS
V
= 1.2V
GS
V
= 1.8V
GS
0
0.5
1.0
1.5
0
0.5
1
1.5
2
2.5
3
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
V
= 5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com