Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2011UTS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2011UTS-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2011UTS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2011UTS-13 Datasheet HTML 1Page - Diodes Incorporated DMN2011UTS-13 Datasheet HTML 2Page - Diodes Incorporated DMN2011UTS-13 Datasheet HTML 3Page - Diodes Incorporated DMN2011UTS-13 Datasheet HTML 4Page - Diodes Incorporated DMN2011UTS-13 Datasheet HTML 5Page - Diodes Incorporated DMN2011UTS-13 Datasheet HTML 6Page - Diodes Incorporated DMN2011UTS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2011UTS
Document number: DS39579 Rev. 3 - 2
2 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DMN2011UTS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
9.0
7.2
A
Steady
State
TC = +25°C
TC = +70°C
ID
21
17
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
70
A
Continuous Source-Drain Diode Current (Note 6)
IS
3
A
Pulsed Source-Drain Diode Current (10
μs Pulse, Duty Cycle = 1%)
ISM
25
A
Avalanche Current (Note 7) L = 0.1mH
IAS
18
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
17
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
144
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
93
°C/W
Thermal Resistance, Junction to Case (Note 6)
Steady State
RθJC
16
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
μA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
0.4
—
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
7.2
11
m
Ω
VGS = 4.5V, ID = 7A
9.0
13
VGS = 2.5V, ID = 7A
11.5
25
VGS = 1.8V, ID = 5A
19.1
50
VGS = 1.5V, ID = 3A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 8.5A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
—
2,248
—
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
—
295
—
pF
Reverse Transfer Capacitance
CRSS
—
265
—
pF
Gate Resistance
RG
—
1.5
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
—
24
—
nC
VDS = 10V, ID = 8.5A
Total Gate Charge (VGS = 10V)
QG
—
56
—
nC
Gate-Source Charge
QGS
—
3.5
—
nC
Gate-Drain Charge
QGD
—
5.1
—
nC
Turn-On Delay Time
tD(ON)
—
3.6
—
ns
VDS = 10V, ID = 8.5A
VGS = 4.5V, RG = 1.8Ω
Turn-On Rise Time
tR
—
2.6
—
ns
Turn-Off Delay Time
tD(OFF)
—
21.6
—
ns
Turn-Off Fall Time
tF
—
13.5
—
ns
Reverse Recovery Time
tRR
—
12.8
—
ns
IF = 8.5A, di/dt = 210A/μs
Reverse Recovery Charge
QRR
—
6.9
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com