Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12360 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12360
Description  Strada Lens array
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12360 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12360 Datasheet HTML 1Page - Ledil, Inc. C12360 Datasheet HTML 2Page - Ledil, Inc. C12360 Datasheet HTML 3Page - Ledil, Inc. C12360 Datasheet HTML 4Page - Ledil, Inc. C12360 Datasheet HTML 5Page - Ledil, Inc. C12360 Datasheet HTML 6Page - Ledil, Inc. C12360 Datasheet HTML 7Page - Ledil, Inc. C12360 Datasheet HTML 8Page - Ledil, Inc. C12360 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
PRODUCT DATASHEET
Strada series
last update 9/6/2017
DETAILS
Product Number
C12360_STRADA-2X2-DNW
Family
Strada
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
11,27 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
9/06/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
QUICK FLUX XTP 2x4 xxx LS G5
Asymmetric degStreetligh...
94 %
0.600
-
QUICK FLUX XTP 2x6 xxx LS G5
Asymmetric degStreetligh...
94 %
0.580
-
XM-L
Asymmetric degStreetligh...
93 %
0.270
-
XP-G
Asymmetric degStreetligh...
93 %
0.440
-
XT-E
Asymmetric degStreetligh...
93 %
0.290
-
XT-E HVW
Asymmetric degStreetligh...
-
-
-
XQ-E
sim: AsymmetricStreetligh...
sim: 93 % -
-
XM-L2
Asymmetric degStreetligh...
94 %
0.500
-
XP-G2
Asymmetric degStreetligh...
94 %
0.600
-
XP-L
Asymmetric degStreetligh...
94 %
0.470
-
XP-L HI
Asymmetric degStreetligh...
94 %
0.570
-
XP-G3
sim: AsymmetricStreetligh...
sim: 87 % sim: 0.590 -
XP-L2
Asymmetric degStreetligh...
94 %
0.420
-
H35C0 (LEMWA33)
Asymmetric degStreetligh...
93 %
0.560
-
LUXEON Rebel ES
Asymmetric degStreetligh...
93 %
0.340
-
LUXEON T
Asymmetric degStreetligh...
93 %
0.600
-
LUXEON Z ES
Asymmetric degStreetligh...
94 %
0.620
-
LUXEON H50-2
sim: AsymmetricStreetligh...
-
-
-
LUXEON Q
Asymmetric degStreetligh...
94 %
0.600
-
LUXEON TX
Asymmetric degStreetligh...
94 %
0.600
-
LUXEON MZ
Asymmetric degStreetligh...
94 %
0.440
-
NVSxx19B/NVSxx19C
sim: AsymmetricStreetligh...
sim: 94 % sim: 0.621 -
NVSxE21A
Asymmetric degStreetligh...
94 %
0.310
-
NVSW3x9A
Asymmetric degStreetligh...
94 %
0.510
-
Oslon Square PC
Asymmetric degStreetligh...
93 %
0.500
-
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12360

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12360 CREE-C12360 Datasheet
4Mb / 75P
Strada series
C12360-STRADA-2X2-DNW CREE-C12360-STRADA-2X2-DNW Datasheet
440Kb / 3P
Strada-Module series
More results

Similar Description - C12360

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13299 LEDIL-C13299 Datasheet
6Mb / 114P
Strada Lens array
C13300 LEDIL-C13300 Datasheet
6Mb / 106P
Strada Lens array
C13604 LEDIL-C13604 Datasheet
5Mb / 80P
Strada Lens array
CS16401 LEDIL-CS16401 Datasheet
941Kb / 14P
Strada Lens array
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C12419 LEDIL-C12419 Datasheet
5Mb / 80P
Strada Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13499 LEDIL-C13499 Datasheet
5Mb / 82P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com