Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS16401 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16401
Description  Strada Lens array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16401 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16401 Datasheet HTML 1Page - Ledil, Inc. CS16401 Datasheet HTML 2Page - Ledil, Inc. CS16401 Datasheet HTML 3Page - Ledil, Inc. CS16401 Datasheet HTML 4Page - Ledil, Inc. CS16401 Datasheet HTML 5Page - Ledil, Inc. CS16401 Datasheet HTML 6Page - Ledil, Inc. CS16401 Datasheet HTML 7Page - Ledil, Inc. CS16401 Datasheet HTML 8Page - Ledil, Inc. CS16401 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCT DATASHEET
Strada series
last update 11/12/2017
DETAILS
Product Number
CS16401_STRADA-IP-2X6-PX
Family
Strada
Type
Lens array
Color
clear
Diameter
173x71,4 mm
Height
9,6 mm
Style
rectang
Optic Material
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
11/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
sim: AsymmetricAsymmetric -
sim: 0.000 -
XP-G2
Asymmetric degAsymmetric 94 %
1.150
-
XP-G3
Asymmetric degAsymmetric 94 %
0.970
-
Duris S8
Asymmetric degAsymmetric 94 %
0.890
-
Oslon Square Gen3
Asymmetric degAsymmetric 94 %
1.200
-
SMJQ-D36W12Mx
Asymmetric degAsymmetric 94 %
1.100
-
January 25th 2018 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS16401

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16401 LEDIL-CS16401 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
CS16401 LEDIL-CS16401_18 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
More results

Similar Description - CS16401

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13299 LEDIL-C13299 Datasheet
6Mb / 114P
Strada Lens array
C13300 LEDIL-C13300 Datasheet
6Mb / 106P
Strada Lens array
C13604 LEDIL-C13604 Datasheet
5Mb / 80P
Strada Lens array
C12360 LEDIL-C12360 Datasheet
5Mb / 83P
Strada Lens array
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C12419 LEDIL-C12419 Datasheet
5Mb / 80P
Strada Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13499 LEDIL-C13499 Datasheet
5Mb / 82P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com