Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC15349 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FC15349
Description  Florentina Pack
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC15349 Datasheet(HTML) 1 Page - Ledil, Inc.

  FC15349 Datasheet HTML 1Page - Ledil, Inc. FC15349 Datasheet HTML 2Page - Ledil, Inc. FC15349 Datasheet HTML 3Page - Ledil, Inc. FC15349 Datasheet HTML 4Page - Ledil, Inc. FC15349 Datasheet HTML 5Page - Ledil, Inc. FC15349 Datasheet HTML 6Page - Ledil, Inc. FC15349 Datasheet HTML 7Page - Ledil, Inc. FC15349 Datasheet HTML 8Page - Ledil, Inc. FC15349 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Florentina series
last update 23/1/2018
DETAILS
Product Number
FC15349_FLORENTINA-4X1-SS
Family
Florentina
Type
Pack
Color
black
Diameter
175,57x55,57 mm
Height
17,72 mm
Style
rectang
Optic Material
PC,PC
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
23/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G2
17 deg
Smooth spo...78 %
6.600
-
NVSxx19B/NVSxx19C
17 deg
Smooth spo...84 %
7.500
-
Oslon Square Gen3
16 deg
Smooth spo...81 %
8.500
-
January 25th 2018 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FC15349

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC15351 LEDIL-FC15351 Datasheet
816Kb / 9P
Florentina Pack
FC15352 LEDIL-FC15352 Datasheet
980Kb / 11P
Florentina Pack
FC15353 LEDIL-FC15353 Datasheet
872Kb / 9P
Florentina Pack
FC15354 LEDIL-FC15354 Datasheet
730Kb / 7P
Florentina Pack
More results

Similar Description - FC15349

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC14972 LEDIL-FC14972 Datasheet
1Mb / 17P
Florentina Pack
FC14974 LEDIL-FC14974 Datasheet
1Mb / 17P
Florentina Pack
FC14975 LEDIL-FC14975 Datasheet
1Mb / 15P
Florentina Pack
FC15351 LEDIL-FC15351 Datasheet
816Kb / 9P
Florentina Pack
FC15352 LEDIL-FC15352 Datasheet
980Kb / 11P
Florentina Pack
FC15353 LEDIL-FC15353 Datasheet
872Kb / 9P
Florentina Pack
FC15661 LEDIL-FC15661 Datasheet
653Kb / 7P
Florentina Pack
FC15663 LEDIL-FC15663 Datasheet
646Kb / 7P
Florentina Pack
FC15665 LEDIL-FC15665 Datasheet
668Kb / 7P
Florentina Pack
FC15666 LEDIL-FC15666 Datasheet
654Kb / 7P
Florentina Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com