Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS15626 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FS15626
Description  Florence Assembly
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FS15626 Datasheet(HTML) 1 Page - Ledil, Inc.

  FS15626 Datasheet HTML 1Page - Ledil, Inc. FS15626 Datasheet HTML 2Page - Ledil, Inc. FS15626 Datasheet HTML 3Page - Ledil, Inc. FS15626 Datasheet HTML 4Page - Ledil, Inc. FS15626 Datasheet HTML 5Page - Ledil, Inc. FS15626 Datasheet HTML 6Page - Ledil, Inc. FS15626 Datasheet HTML 7Page - Ledil, Inc. FS15626 Datasheet HTML 8Page - Ledil, Inc. FS15626 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PRODUCT DATASHEET
Florence series
last update 3/1/2018
DETAILS
Product Number
FS15626_FLORENCE-3R-IP-Z90
Family
Florence
Type
Assembly
Color
clear
Diameter
321 + 79 mm
Height
9,72 mm
Style
rectang
Optic Material
PC,Silicone
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
3/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
sim: 89
sim: 91 % sim: 0.460 -
LG 6030
90 deg
89 %
0.440
-
NVSxx19B/NVSxx19C
sim: 89
sim: 89 % sim: 0.440 -
Oslon Square Gen3
89 deg
88 %
0.420
-
Fortimo LED Line 1ft 2000lm 8xx 3R HV278 deg
86 %
0.460
-
Fortimo LED Line 1ft 1100lm xx0 3R xV2/xV3
85 deg
87 %
0.450
-
Fortimo LED Line 1ft 650lm 8x0 3R xV2/xV3
86 deg
86 %
0.420
-
January 25th 2018 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FS15626

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FS156-C PANDUIT-FS156-C Datasheet
95Kb / 1P
Fanning Strip System
FS156-C PANDUIT-FS156-C Datasheet
485Kb / 5P
Quick-Build™ Harness Board System
1/2016
FS156-C PANDUIT-FS156-C Datasheet
1Mb / 8P
Quick-Build Harness Board System
4/2016
More results

Similar Description - FS15626

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14530 CREE-C14530 Datasheet
2Mb / 43P
Florence series
C14642 CREE-C14642 Datasheet
2Mb / 49P
Florence series
C14454 CREE-C14454 Datasheet
2Mb / 37P
Florence series
F14344 CREE-F14344 Datasheet
2Mb / 43P
Florence series
F15684 CREE-F15684 Datasheet
826Kb / 7P
Florence series
logo
Ledil, Inc.
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
FS15847 LEDIL-FS15847 Datasheet
2Mb / 27P
Florence Assembly
FS15786 LEDIL-FS15786 Datasheet
1Mb / 23P
Florence Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com