Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5471GHK Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS320VC5471GHK
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHK Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320VC5471GHK Datasheet HTML 85Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 86Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 87Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 90Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 91Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 92Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
Electrical Specifications
80
June 2001 – Revised December 2002
SPRS180C
6.15 ARM Clock Timings
The ARM SRAM timings are derived from the ARM clock. The clock switching characteristics are defined in
Table 6–35 for use in the ARM SRAM timing definitions.
Table 6–35. ARM SRAM Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
A
tc(ARM)
Cycle time, ARM clock
21.05
ns
B
tw(ARM–H)
Pulse duration, ARM clock high
A/2 – 3†
A/2†
A/2 + 3†
ns
C
tw(ARM–L)
Pulse duration, ARM clock low
A/2 – 3†
A/2†
A/2 + 3†
ns
D
tw(ARM–W)
Pulse duration, ARM write cycle
A/2 + nA†‡
ns
E
tw(ARM–R)
Pulse duration, ARM read cycle
A + nA†‡
ns
† A = tc(ARM)
‡ n = the number of software wait states
The ARM SRAM write timing requirements listed in Table 6–36 represent back-to-back write operations to
a zero-wait-state SRAM device.
Table 6–36 through Table 6–37 assume testing over recommended operating conditions (see Figure 6–35
and Figure 6–36).
Table 6–36. ARM SRAM Timing Requirements (Write)
MIN
NOM
MAX
UNIT
1
td(CSL-AV)
Delay time, address valid from CS low
– 3
4
ns
2
td(CSL-DV)
Delay time, data valid from CS low
–2
5
ns
3
td(CSL-WEL)
Delay time, write enable low from CS low
4
13
ns
4
tw(WEL)
Pulse width, write enable low
D – 3.5§
D§
D + 3.5§
ns
5
td(WEH–AIV)
Delay time, address invalid from write enable high
0
7
ns
6
td(WEH–DIV)
Delay time, data invalid from write enable high
0
7
ns
7
td(WEH–DV)
Delay time, data valid from write enable high
2
9
ns
8
tw(WEH)
Pulse width, write enable high
A/2 – 3.5†
A/2†
A/2 + 3.5†
ns
9
td(WEH–CSH)
Delay time, CS high from write enable high
0
7
ns
10
td(CSL–BEV)
Delay time, byte enable valid from CS low
– 3
4
ns
11
td(WEH–BEIV)
Delay time, byte enable invalid from write enable high
0
7
ns
12
td(WEH–BEV)
Delay time, byte enable valid from write enable high
2
9
ns
20
td(CSL-OEH)
Delay time, output enable high from CS low
– 3
4
ns
21
td(WEH–OEL)
Delay time, output enable low from write enable high
0
7
ns
† A = tc(ARM)
§ D = tw(ARM-W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com