Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M980A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M980A
Description  5-Key 3D WIN2000 USBPS/2 Mouse Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M980A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M980A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M980A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M980A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M980A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M980A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M980A Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4.4
¾
5.25
V
IDD
Operating Current
(Crystal OSC)
5V
No load,
fSYS=6MHz
USB mode
¾
10
¾
mA
PS/2 mode
¾
3
¾
mA
ISUS
USB Suspend Mode
5V
No load, system HALT
¾¾
250
mA
VIL1
Input Low Voltage
(X1, X2, Y1, Y2, Z1, Z2, L, M,
R, B4, B5)
5V
¾
0
¾
1.0
V
VIH1
Input High Voltage
(X1, X2, Y1, Y2, Z1, Z2, L, M,
R, B4, B5)
5V
¾
3.5
¾
5V
VIL2
Input Low Voltage
(RESET)
5V
¾
0
¾
1.5
V
VIH2
Input High Voltage
(RESET)
5V
¾
3.5
¾
5V
VPOR
Built-in Power on Reset VDD
Detection Voltage
5V
¾¾
3.7
¾
V
IOL
Sink Current (LED)
5V
VOL=0.8V
¾
50
¾
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
0
6000
¾
kHz
Note: tSYS=1/fSYS
Timing Diagram
X, Y Axis Photo-Coupler Crossed Width
X, Y, Z Axis Counting
HT82M980A
Rev. 1.40
3
February 10, 2003
X 1 ( Y 1 ) ( Z 1 )
X 2 ( Y 2 ) ( Z 2 )
t r
t f
t p
N o t e : . o r X , Y - a x i s t r , t p , t f > 3 0 m s
. o r Z - a x i s t r , t p , t f > 1 m s
X 1
X 2
+ 1
+ 1
+ 1
+ 1
- 1
- 1
- 1
- 1
Z 1
Z 2
+ 1
+ 1
- 1
- 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com