Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4355 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4355
Description  N Female Connector Solder Attachment 4 Hole Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4355 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4355 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4355 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4355 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 18 GHz
• Good VSWR of 1.35:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4355 type N female connector solder attachment 4 hole flange mount pin terminal, .340 inch hole spacing is
part of our full line of RF components available for same-day shipping. Our type N female connector operates up to a maximum
frequency of 18 GHz and offers good VSWR of 1.35:1. This type N 4 hole flange connector allows designers to create external
connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our type N female 4 hole flange connector PE4355 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.518 in [38.56 mm]
Width/Dia.
0.625 in [15.88 mm]
.
Weight
0.036 lbs [16.33 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole
Spacing PE4355
PE4355 REV 1.1
N Female Connector Solder Attachment 4 Hole Flange
Mount Pin Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4355


Similar Part No. - PE4355

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
More results

Similar Description - PE4355

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4548 PASTERNACK-PE4548_16 Datasheet
382Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
PE4444 PASTERNACK-PE4444_17 Datasheet
354Kb / 3P
N Female Connector Solder Attachment 4 Hole Flang
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com