Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQL5000 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQL5000
Description  LNA for 5GHz UNII Band 802.11a Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL5000 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQL5000 Datasheet HTML 1Page - TriQuint Semiconductor TQL5000 Datasheet HTML 2Page - TriQuint Semiconductor TQL5000 Datasheet HTML 3Page - TriQuint Semiconductor TQL5000 Datasheet HTML 4Page - TriQuint Semiconductor TQL5000 Datasheet HTML 5Page - TriQuint Semiconductor TQL5000 Datasheet HTML 6Page - TriQuint Semiconductor TQL5000 Datasheet HTML 7Page - TriQuint Semiconductor TQL5000 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TQL5000
Datasheet
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
min
max
Supply Voltage Range
Vddl
0
6
V
DC Voltage, @ RF Ports
Vrf
-0.3
0.3
V
DC Volgate, @ GND ports
Vgnd
-0.3
0.3
V
Operating Temperature Range
Ta
-40
85
°C
Channel Temperature
Tch
150
°C
Storage Temperature Range
Tstg
-55
150
°C
Power Dissipation
Pdiss
0.2
W
Maximum Input Power
PI
0dBm
General Electrical Characteristics1,2
LNA Performance:
Parameter
min
typ
max
units
Frequency Range
4900
-
5900
MHz
Small Signal Gain
16.5
18
dB
Gain Variation vs Vdd
0.5
dB
Gain Variation vs Frequency
1.5
dB
Noise Figure (with on-chip matching)
1.3
dB
Input Power (IP1dB)
-13
dBm
Input IP3
-3
dBm
Isolation
30
dB
Stability
10:1
Harmonics (2nd, 3rd, 4th)
-30
dBc
Input VSWR (with on-chip matching)
1.7
Output VSWR (with on-chip matching)
2
Electrical Characteristics
Parameter
min
typ
max
Unit
Vdd Supply Voltage
2.7
3.0
3.6
V
Supply Current: Vdd = 3.0V
8
mA
1Test Conditions: Ta=25oC, unless otherwise noted,
2AC performance is guaranteed at 25 Deg-C,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com