Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A101Q Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A101Q
Description  Precision Wide-Bandwidth Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A101Q Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A101Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS7079F
09/22/04
PI5A101
Precision Wide-bandwidth
Analog Switch
Electrical Specifications - Single +5V Supply (VCC = +5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
Conditions
Temp.(°C) Min.(1)
Typ.(2) Max.(1) Units
Analog Switch
Analog Signal
Range(3)
VANALOG
Full
0
VCC
V
On-Resistance
RON
VCC = 4.5V,
ICOM = -30mA,
VNO or VNC = +2.5V
25
8
10
Ω
Full
18
On-Resistance
Match Between
Channels(4)
∆RON
25
0.9
2
Full
4
On-Resistance
Flatness(5)
RFLAT(ON)
VCC = 5V,
ICOM = -30mA,
VNO or VNC = 1V, 2.5V, 4V
25
3
4
Full
5
NO or NC Off Leak-
age Current(6)
INO(OFF) or
INC(OFF)
VCC = 5.5V,
VCOM = 0V,
VNO or VNC = 4.5V
25
0.05
nA
Full
-80
80
COM Off Leakage
Current(6)
ICOM(OFF)
VCC = 5.5V,
VCOM = + 4.5V,
VNO or VNC = ± 0V
25
0.05
Full
-80
80
COM On Leakage
Current(6)
ICOM(ON)
VCC = 5.5V,
VCOM = +4.5V
VNO or VNC = +4.5V
25
0.07
Full
-80
80
Logic Input
Input High Voltage
VIH
Guaranteed logic High Level
Full
2
V
Input Low Voltage
VIL
Guaranteed logic Low Level
Input Current with
Voltage High
IINH
VIN = 2.4V, all others = 0.8V
0.8
µA
Input Current with
Voltage Low
IINL
VIN = 0.8V, all others = 2.4V
-1
0.005
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com