Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFTP84 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMFTP84
Description  P-Channel Enhancement Mode FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTP84 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMFTP84 Datasheet HTML 1Page - Diotec Semiconductor MMFTP84 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMFTP84
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
Gate-Source leakage current – Gate-Source-Leckstrom
VGS = ± 20 V
IGSS
± 10 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VGS, - ID = 1 mA
- VGS(th)
0.8 V
2 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
- VGS = 10 V, - ID = 130 mA
RDS(on)
10 Ω
Forward Transfer Admittance – Übertragungssteilheit
- VDS = 25 V, - ID = 130 mA
׀
gfs
׀
50 mS
Input Capacitance – Eingangskapazität
- VDS = 25 V, f = 1 MHz
Ciss
45 pF
Output Capacitance – Ausgangskapazität
- VDS = 25 V, f = 1 MHz
Coss
25 pF
Reverse Transfer Capacitance – Rückwirkungskapazität
- VDS = 25 V, f = 1 MHz
Crss
12 pF
Turn-On Time – Anstiegszeit
VGS = 0 ... -10 V, - VDD = 40 V, - ID = 200 mA
t(on)
3 ns
Turn-Off Time – Abfallzeit
VGS = -10 ... 0 V, - VDD = 40 V, - ID = 200 mA
t(off)
7 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 500 K/W 1)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com