Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73033DBVT
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73033DBVT Datasheet HTML 1Page - Texas Instruments TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
DISSIPATION RATINGS TABLE
ELECTRICAL CHARACTERISTICS
TPS73001, TPS73018
TPS73025
TPS73030, TPS73033
SBVS054A – NOVEMBER 2004 – REVISED NOVEMBER 2004
TA ≤ 25°C
TA = 70°C
TA = 85°C
DERATING FACTOR
POWER
POWER
POWER
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = 25°C
RATING
RATING
RATING
Low-K(1)
DBV
65
°C/W
255
°C/W
3.9 mW/
°C
390 mW
215 mW
155 mW
High-K(2)
DBV
65
°C/W
180
°C/W
5.6 mW/
°C
560 mW
310 mW
225 mW
(1)
The JEDEC low-K (1s) board design used to derive this data was a 3-inch x 3-inch, two layer board with 2 ounce copper traces on top
of the board.
(2)
The JEDEC high-K (2s2p) board design used to derive this data was a 3-inch x 3-inch, multilayer board with 1 ounce internal power and
ground planes and 2 ounce copper traces on top and bottom of the board.
over recommended operating temperature range T
J = -40 to 125°C, VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA,
C
OUT = 10 µF, CNR = 0.01 µF (unless otherwise noted). Typical values are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage(1)
2.7
5.5
V
IOUT Continuous output current
0
200
mA
VFB Internal reference (TPS73001)
1.201
1.225
1.250
V
5.5 -
Output voltage range (TPS73001)
VFB
V
VDO
Output voltage accuracy
0 µA
≤ I
OUT≤ 200 mA,
2.75 V
≤ V
IN < 5.5 V
-2%
VOUT(nom) +2%
V
Line regulation (
∆V
OUT%/∆VIN)
(1)
VOUT + 1 V ≤ VIN≤ 5.5 V
0.05
%/V
Load regulation (
∆V
OUT%/∆IOUT)
0 µA
≤ I
OUT≤ 200 mA,
TJ = 25°C
5
mV
Dropout voltage(2)(VIN = VOUT(nom) - 0.1V)
IOUT = 200 mA
120
210
mV
Output current limit
VOUT = 0 V
285
600
mA
GND pin current
0 µA
≤ I
OUT≤ 200 mA
170
250
µA
Shutdown current(3)
VEN = 0 V, 2.7 V ≤ VIN≤ 5.5 V
0.07
1
µA
FB pin current
VFB = 1.8 V
1
µA
Power-supply ripple rejection
TPS73028
f = 1kHz, TJ = 25°C,
IOUT = 200 mA
68
dB
BW = 200 Hz to 100 kHz,
Output noise voltage (TPS73018)
CNR = 0.01 µF
23
µVRMS
IOUT = 200 mA
Time, start-up (TPS73018)
RL = 14 Ω, COUT = 1 µF
CNR = 0.001 µF
50
µs
High level enable input voltage
2.7 V
≤ V
IN≤ 5.5 V
1.7
VIN
V
Low level enable input voltage
2.7 V
≤ V
IN≤ 5.5 V
0
0.7
V
EN pin current
VEN = 0
-1
1
µA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Dropout is not measured for the TPS73018 and TPS73025 since minimum VIN = 2.7 V.
(3)
For adjustable versions, this applies only after VIN is applied; then VEN transitions high to low.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com