Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4985EIKJT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4985EIKJT
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985EIKJT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4985EIKJT Datasheet HTML 17Page - STMicroelectronics TS4985EIKJT Datasheet HTML 18Page - STMicroelectronics TS4985EIKJT Datasheet HTML 19Page - STMicroelectronics TS4985EIKJT Datasheet HTML 20Page - STMicroelectronics TS4985EIKJT Datasheet HTML 21Page - STMicroelectronics TS4985EIKJT Datasheet HTML 22Page - STMicroelectronics TS4985EIKJT Datasheet HTML 23Page - STMicroelectronics TS4985EIKJT Datasheet HTML 24Page - STMicroelectronics TS4985EIKJT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TS4985
Application Information
21/29
The TS4985 has two independent power amplifiers, and each amplifier produces heat due to its
power dissipation. Therefore, the maximum die temperature is the sum of the each amplifier’s
maximum power dissipation. It is calculated as follows:
Pdiss L = Power dissipation due to the left channel power amplifier
Pdiss R = Power dissipation due to the right channel power amplifier
Total Pdiss =Pdiss L +Pdiss R (W)
In most cases,
Pdiss L = Pdiss R, giving:
or, stated differently:
4.5
Decoupling the circuit
Two capacitors are needed to correctly bypass the TS4985. A power supply bypass capacitor
CS and a bias voltage bypass capacitor CB.
CS has particular influence on the THD+N in the high frequency region (above 7kHz) and an
indirect influence on power supply disturbances. With a value for
CS of 1µF, you can expect
similar THD+N performances to those shown in the datasheet. For example:
●
In the high frequency region, if
CS is lower than 1µF, it increases THD+N and disturbances
on the power supply rail are less filtered.
●
On the other hand, if
CS is higher than µF, those disturbances on the power supply rail are
more filtered.
Cb has an influence on THD+N at lower frequencies, but its function is critical to the final result
of PSRR (with input grounded and in the lower frequency region), in the following manner:
●
If Cb is lower than 1µF, THD+N increases at lower frequencies and PSRR worsens.
●
If Cb is higher than 1µF, the benefit on THD+N at lower frequencies is small, but the benefit
to PSRR is substantial.
Note that
Cin has a non-negligible effect on PSRR at lower frequencies. The lower the value of
Cin, the higher the PSRR.
4.6
Wake-up time, TWU
When the standby is released to put the device ON, the bypass capacitor
Cb will not be charged
immediately. As
Cb is directly linked to the bias of the amplifier, the bias will not work properly
until the
Cb voltage is correct. The time to reach this voltage is called wake-up time or TWU and
specified in electrical characteristics table with
Cb = 1µF.
If
Cb has a value other than 1µF, please refer to the graph in Figure 63 to establish the wake-up
time value.
Total P
diss
2P
dis sL
(W)
=
Total P
diss
42V
CC
π R
L
-----------------------P
out
2P
out
–
=
W
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com