Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16347 Datasheet(PDF) 21 Page - NEC

Part # UPD16347
Description  192-BIT AC-PDP DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16347 Datasheet(HTML) 21 Page - NEC

Back Button UPD16347 Datasheet HTML 17Page - NEC UPD16347 Datasheet HTML 18Page - NEC UPD16347 Datasheet HTML 19Page - NEC UPD16347 Datasheet HTML 20Page - NEC UPD16347 Datasheet HTML 21Page - NEC UPD16347 Datasheet HTML 22Page - NEC UPD16347 Datasheet HTML 23Page - NEC UPD16347 Datasheet HTML 24Page - NEC UPD16347 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet S16472EJ1V0DS
21
µµµµ PD16347
Timing Requirement (TA = 25
°°°°C, VDD1 = 4.75 to 5.25 V, VSS1 ==== VSS2 ==== VSS3 ==== 0 V, tr = tf ==== 3.0 ns)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Clock pulse width
PWCLK
8ns
Latch enable pulse width
PW/LE
8ns
Blank pulse width
PW/BLK
/HBLK, /LBLK
600
ns
HZ pulse width
PWHZ
RL
= 10 kΩ
3.3
µs
/CLR pulse width
PW/CLR
12
ns
/CLR timing
t/CLR
6ns
Data setup time
tSETUP
3ns
Data hold time
tHOLD
3ns
Latch enable Time
t/LE11, t/LE21
8ns
t/LE12, t/LE22
8ns
Detection Temperature Hysteresis Width and Detection Output
DET
output
TDET MIN.
Tj (˚C)
Thys MIN. Note
TDET MAX.
Thys MAX.Note
DET
10 k
Ω
VDD
(Microcomputer side)
To a microcomputer
VSS3
to
<Detection output circuit>
Note Change of Thys linked with TDET's.
"H"
"L"
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com