Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-110 Datasheet(PDF) 12 Page - Inolux Corporation

Part # HT-110
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-110 Datasheet(HTML) 12 Page - Inolux Corporation

Back Button HT-110 Datasheet HTML 8Page - Inolux Corporation HT-110 Datasheet HTML 9Page - Inolux Corporation HT-110 Datasheet HTML 10Page - Inolux Corporation HT-110 Datasheet HTML 11Page - Inolux Corporation HT-110 Datasheet HTML 12Page - Inolux Corporation HT-110 Datasheet HTML 13Page - Inolux Corporation HT-110 Datasheet HTML 14Page - Inolux Corporation HT-110 Datasheet HTML 15Page - Inolux Corporation HT-110 Datasheet HTML 16Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Side-emitting (1306)
HT-110 Series
Official Product
Product: HT-110 Series
Data Sheet No.
Tentative Product
****************
HT-110 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
12/24
Electro-Optical Characteristics
(Ta 25 oC)
Product
Emission
Color
IF(mA)
VF(V)
λ(nm)
I*V(mcd)
typ
max
λD
λP
△λ
min
typ
HT-110UYG
Ultra Bright
Yellow Green
20
2.0
2.4
573
574
20
36
60
HT-110UY
Ultra Bright
Yellow
20
1.9
2.4
589
593
15
36
120
HT-110UD
Ultra Bright
Orange
20
1.9
2.4
605
609
17
56
160
HT-110USD
Ultra Bright
Red
20
1.9
2.4
622
636
17
56
120
HT-110NB
Blue
20
3.3
3.9
470
468
40
36
60
HT-110NG
True Green
20
3.3
3.9
527
520
40
140
200
HT-110TW
White
20
3.3
3.9
X=0.29
Y=0.31
-
-
90
180
* Per NIST standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com