Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2CP1048 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE2CP1048
Description  90 Degree Drop-In Hybrid Coupler From 960 MHz to 1.22 GHz Rated to 125 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1048 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE2CP1048 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1048 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1048 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1048 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1048 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1048 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
960
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
1180
1200
1220
0 dB
MHz
Amplitude Balance
J3 0°
J4 90°
70
75
80
85
90
95
100
105
110
960
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
1180
1200
1220
90 °
MHz
Phase Balance
PE2CP1048
PE2CP1048 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 960 MHz to 1.22 GHz Rated to 125 Watts
PE2CP1048
90 Degree Drop-In Hybrid Coupler From
960 MHz to 1.22 GHz Rated to 125 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com