Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2CP1053 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE2CP1053
Description  90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 450 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1053 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE2CP1053 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
0 dB
MHz
Insertion Loss
90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 450 Watts from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 450 Watts PE2CP1053
URL: http://www.pasternack.com/drop-in-coupler-1-3-ghz-450-watts-pe2cp1053-p.aspx
PE2CP1053
PE2CP1053 REV 1.0
90 Degree Drop-In Hybrid Coupler From
1 GHz to 3 GHz Rated to 450 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com