Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2CP1072 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE2CP1072
Description  Low PIM Directional 20 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1072 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE2CP1072 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1072 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1072 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1072 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1072 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
0 dB
698 MHz
Insertion Loss
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
0 dB
698 MHz
Coupling
PE2CP1072 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Directional 20 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts PE2CP1072
Couplers Technical Data Sheet
PE2CP1072
Low PIM Directional 20 dB 4.3-10 Coupler
To 2.7 GHz Rated to 200 Watts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com