Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13937 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13937
Description  Strada Lens
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13937 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13937 Datasheet HTML 1Page - Ledil, Inc. C13937 Datasheet HTML 2Page - Ledil, Inc. C13937 Datasheet HTML 3Page - Ledil, Inc. C13937 Datasheet HTML 4Page - Ledil, Inc. C13937 Datasheet HTML 5Page - Ledil, Inc. C13937 Datasheet HTML 6Page - Ledil, Inc. C13937 Datasheet HTML 7Page - Ledil, Inc. C13937 Datasheet HTML 8Page - Ledil, Inc. C13937 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
PRODUCT DATASHEET
Strada series
last update 20/9/2017
DETAILS
Product Number
C13937_STRADA-2X2-C-STP
Family
Strada
Type
Lens
Color
clear
Diameter
50 x 50 mm
Height
6,27 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
20/09/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
131 deg
Streetligh...
94 %
0.320
-
QUICK FLUX XTP 2x4 xxx LS G5
138 deg
Streetligh...
94 %
0.300
-
QUICK FLUX XTP 2x6 xxx LS G5
138 deg
Streetligh...
94 %
0.300
-
XP-G2
137 deg
Streetligh...
94 %
0.300
-
XP-L
139 deg
Streetligh...
92 %
0.280
-
XP-L HI
136 deg
Streetligh...
94 %
0.300
-
XP-G3
141 deg
Streetligh...
94 %
0.290
-
XP-L2
139 deg
Streetligh...
94 %
0.290
-
H35C1 (LEMWA33)
136 deg
Streetligh...
94 %
0.310
-
LUXEON MZ
133 deg
Streetligh...
94 %
0.320
-
LUXEON 5050
133 deg
Streetligh...
94 %
0.320
-
LUXEON TX
133 deg
Streetligh...
94 %
0.320
-
LUXEON V
136 deg
Streetligh...
94 %
0.290
-
NVSW3x9A
138 deg
Streetligh...
94 %
0.300
-
NVSxE21A
sim: 118
Streetligh...
sim: 94 % sim: 0.350 -
Oslon Square PC
130 deg
Streetligh...
94 %
0.330
-
Oslon Square Gen3
137 deg
Streetligh...
94 %
0.320
-
Duris S8
sim: 120
Streetligh...
sim: 93 % sim: 0.350 -
OSCONIQ P 3737 (3W version)
sim: 116
Streetligh...
sim: 94 % sim: 0.310 -
PrevaLED Brick DC 2x8
137 deg
Streetligh...
94 %
0.320
-
Fortimo FastFlex LED board 2x8 DA G4 136 deg
Streetligh...
94 %
0.300
-
Fortimo FastFlex LED board 2x8 DAX G4141 deg
Streetligh...
94 %
0.290
-
LH351Z
127 deg
Streetligh...
94 %
0.320
-
LH351B
134 deg
Streetligh...
94 %
0.310
-
LH351D
sim: 123
Streetligh...
sim: 91 % sim: 0.310 -
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13937

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13936 LEDIL-C13936 Datasheet
6Mb / 10P
Beam for area lighting and applications demanding a wide oval beam pattern
More results

Similar Description - C13937

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C13805 LEDIL-C13805 Datasheet
3Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com