Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14031 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14031
Description  Strada Lens
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14031 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14031 Datasheet HTML 1Page - Ledil, Inc. C14031 Datasheet HTML 2Page - Ledil, Inc. C14031 Datasheet HTML 3Page - Ledil, Inc. C14031 Datasheet HTML 4Page - Ledil, Inc. C14031 Datasheet HTML 5Page - Ledil, Inc. C14031 Datasheet HTML 6Page - Ledil, Inc. C14031 Datasheet HTML 7Page - Ledil, Inc. C14031 Datasheet HTML 8Page - Ledil, Inc. C14031 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT DATASHEET
Strada series
last update 7/6/2016
DETAILS
Product Number
C14031_STRADA-SQ-T4
Family
Strada
Type
Lens
Color
clear
Diameter
25x25 mm
Height
9,4 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
screw, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
7/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MK-R
Asymmetric degStreetligh...
92 %
0.480
-
MHB-A/B
sim: AsymmetricStreetligh...
-
-
-
XHP50
Asymmetric degStreetligh...
93 %
0.550
-
LUXEON M/MX
Asymmetric degStreetligh...
92 %
0.500
-
LUXEON MZ
Asymmetric degStreetligh...
94 %
0.680
-
NFMW48xA
Asymmetric degStreetligh...
93 %
0.580
-
Duris S8
sim: AsymmetricStreetligh...
sim: 93 % -
-
OSCONIQ P 7070
sim: AsymmetricStreetligh...
sim: 92 % sim: 0.523 -
January 26th 2018 9:41 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14031

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14036 LEDIL-C14036 Datasheet
6Mb / 3P
Basepart for reflectors and lenses with A-type interface.
C14037 LEDIL-C14037 Datasheet
6Mb / 3P
Socket with press fit interface
More results

Similar Description - C14031

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C13805 LEDIL-C13805 Datasheet
3Mb / 64P
Strada Lens
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com