| Electronic Components Datasheet Search |
|
AD7713 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7713 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 29 page ![]() REV. D AD7713 –21– DRDY line will go high, turning off the SDATA output as per Figure 12a. Write Operation Data can be written to either the control register or calibration registers. In either case, the write operation is not affected by the DRDY line, and the write operation does not have any effect on the status of DRDY. A write operation to the control register or the calibration register must always write 24 bits to the respective register. Figure 13a shows a write operation to the AD7713 with TFS remaining low for the duration of the write operation. A0 determines whether a write operation transfers data to the con- trol register or to the calibration registers. This A0 signal must remain valid for the duration of the serial write operation. As before, the serial clock line should be low between read and write operations. The serial data to be loaded to the AD7713 must be valid on the high level of the externally applied SCLK signal. Data is clocked into the AD7713 on the high level of this SCLK signal with the MSB transferred first. On the last active high time of SCLK, the LSB is loaded to the AD7713. Figure 13b shows a timing diagram for a write operation to the AD7713 with TFS returning high during the write operation and returning low again to write the rest of the data-word. Tim- ing parameters and functions are very similar to that outlined for Figure 13a, but Figure 13b has a number of additional times to show timing relationships when TFS returns high in the middle of transferring a word. Data to be loaded to the AD7713 must be valid prior to the rising edge of the SCLK signal. TFS should return high during the low time of SCLK. After TFS returns low again, the next bit of the data-word to be loaded to the AD7713 is clocked in on the next high level of the SCLK input. On the last active high time of the SCLK input, the LSB is loaded to the AD7713. SIMPLIFYING THE EXTERNAL CLOCKING MODE INTERFACE In many applications, the user may not require the facility of writing to the on-chip calibration registers. In this case, the serial interface to the AD7713 in external clocking mode can be simplified by connecting the TFS line to the A0 input of the AD7713 (see Figure 14). This means that any write to the device will load data to the control register (since A0 is low while TFS is low), and any read to the device will access data from the output data register or from the calibration registers (since A0 is high while RFS is low). It should be noted that in this arrangement, the user does not have the capability of read- ing from the control register. Another method of simplifying the interface is to generate the TFS signal from an inverted RFS signal. However, generating the signals the opposite way around ( RFS from an inverted TFS) will cause writing errors. FOUR INTERFACE LINES RFS AD7713 SDATA SCLK TFS A0 Figure 14. Simplified Interface with TFS Connected to A0 SCLK (I) SDATA (I) TFS (I) A0 (I) MSB LSB t32 t33 t34 t26 t27 t36 t35 Figure 13a. External Clocking Mode, Control/Calibration Register Write Operation SCLK (I) SDATA (I) TFS (I) A0 (I) MSB BIT N BIT N+1 t32 t26 t30 t27 t36 t35 t35 t36 Figure 13b. External Clocking Mode, Control/Calibration Register Write Operation ( TFS Returns High During Write Operation) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |