Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7890 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7890
Description  8-Channel, 12-Bit Serial Data Acquisition System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7890 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7890 Datasheet HTML 17Page - Analog Devices AD7890 Datasheet HTML 18Page - Analog Devices AD7890 Datasheet HTML 19Page - Analog Devices AD7890 Datasheet HTML 20Page - Analog Devices AD7890 Datasheet HTML 21Page - Analog Devices AD7890 Datasheet HTML 22Page - Analog Devices AD7890 Datasheet HTML 23Page - Analog Devices AD7890 Datasheet HTML 24Page - Analog Devices AD7890 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7890
Rev. C | Page 20 of 28
MICROPROCESSOR/MICROCONTROLLER INTERFACE
The AD7890’s flexible serial interface allows for easy
connection to the serial ports of DSP processors and
microcontrollers. Figure 14 through Figure 17 show the
AD7890 interfaced to a number of different microcontrollers
and DSP processors. In some of the interfaces shown, the
AD7890 is configured as the master in the system, providing
the serial clock and frame sync for the read operation while in
others it acts as a slave with these signals provided by the
microprocessor.
AD7890 TO 8051 INTERFACE
Figure 14 shows an interface between the AD7890 and the
8xC51 microcontroller. The AD7890 is configured for its
external clocking mode while the 8xC51 is configured for its
Mode 0 serial interface mode. The diagram shown in Figure 14
makes no provisions for monitoring when conversion is
complete on the AD7890 (assuming hardware conversion start
is used). To monitor the conversion time on the AD7890, a
scheme, such as the scheme outlined with CONVST in the
Simplifying the Interface section, can be used. This can be
implemented in two ways. One is to connect the CONVST line
to another parallel port bit, which is configured as an input.
This port bit can then be polled to determine when conversion is
complete. An alternative is to use an interrupt driven system where
the CONVST line is connected to the INT1 input of the 8xC51.
Since the 8xC51 contains only one serial data line, the DATA
OUT and DATA IN lines of the AD7890 must be connected
together. This means that the 8xC51 cannot communicate with
the output register and control register of the AD7890 at the
same time. The 8xC51 outputs the LSB first in a write operation
so care should be taken in arranging the data, which is to be
transmitted to the AD7890. Similarly, the AD7890 outputs the
MSB first during a read operation while the 8xC51 expects the
LSB first. Therefore, the data that is to be read into the serial
port needs to be rearranged before the correct data word from
the AD7890 is available in the microcontroller.
The serial clock rate from the 8xC51 is limited to significantly
less than the allowable input serial clock frequency with which
the AD7890 can operate. As a result, the time to read data from
the part is actually longer than the conversion time of the part.
This means that the AD7890 cannot run at its maximum
throughput rate when used with the 8xC51.
VDD
SMODE
RFS
TFS
DATA OUT
DATA IN
SCLK
P1.0
P1.1
P3.0
P3.1
AD7890
8xC51
Figure 14. AD7890 to 8xC51 Interface
AD7890 TO 68HC11 INTERFACE
An interface circuit between the AD7890 and the 68HC11
microcontroller is shown in Figure 15. For the interface shown,
the AD7890 is configured for its external clocking mode while
the 68HC11’s SPI port is used and the 68HC11 is configured in
its single-chip mode. The 68HC11 is configured in the master
mode with its CPOL bit set to a Logic 0 and its CPHA bit set to
a Logic 1.
As with the previous interface, there are no provisions for
monitoring when conversion is complete on the AD7890. To
monitor the conversion time on the AD7890, a scheme, such as
the scheme outlined with CONVST in the Simplifying the
Interface section, can be used. This can be implemented in two
ways. One is to connect the CONVST line to another parallel
port bit, which is configured as an input. This port bit can then
be polled to determine when conversion is complete. An alternative
is to use an interrupt driven system in which case the CONVST
line should be connected to the IRQ input of the 68HC11.
DVDD
DVDD
SMODE
RFS
TFS
DATA OUT
DATA IN
SCLK
SS
PC0
PC1
SCK
MISO
MOSI
68HC11
AD7890
Figure 15. AD7890 to 68HC11 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com