Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF2011 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 11Page - ON Semiconductor FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor FDMF2011 Datasheet HTML 14Page - ON Semiconductor FDMF2011 Datasheet HTML 15Page - ON Semiconductor FDMF2011 Datasheet HTML 16Page - ON Semiconductor FDMF2011 Datasheet HTML 17Page - ON Semiconductor FDMF2011 Datasheet HTML 18Page - ON Semiconductor FDMF2011 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
14
Typical Performance Characteristics (Continued)
Tj = 25°C unless otherwise noted.
Figure 27. Low-Level Output Voltage Deviation
from the VPH(VSS) vs. Supply Voltage(VDD)
Figure 28. Low-Level Output Voltage Deviation
from the VPH(VSS) vs. Temp.
Figure 29. VDD UVLO Threshold Voltage vs. Temp.
Figure 30. VHB UVLO Threshold Voltage vs. Temp.
Figure 31. IN+ IN- vs. Supply Voltage(VDD)
Figure 32. Input Logic Threshold Voltage vs. Temp.
120
130
140
150
160
170
180
190
200
10
12
14
16
18
20
Supply Voltage [V]
90
110
130
150
170
190
210
230
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
8
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
9.8
10
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
8
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
9.8
10
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
-1
1
3
5
7
9
11
13
15
17
19
21
23
25
27
0
5
10
15
20
Supply Voltage [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
High-Side
Low-Side
High-Side
Low-Side
VDDR
VDDF
VHBR
VHBF
IN+
IN-
VIH_HI & VIH_LI
VIL_HI & VIL_LI
VDD=VHB
VSS= VPH=0V
VIH=VIL=0V
VOL=VHO - VPH, (VLO - VSS)
IL=20mA
VDD=VHB=15V
VSS= VPH=0V
VIH=VIL=0V
VOL=VHO - VPH, (VLO - VSS)
IL=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com