Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCBA6SG Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCBA6SG
Description  Coupling into light guides
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBA6SG Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCBA6SG Datasheet HTML 7Page - OSRAM GmbH LCBA6SG Datasheet HTML 8Page - OSRAM GmbH LCBA6SG Datasheet HTML 9Page - OSRAM GmbH LCBA6SG Datasheet HTML 10Page - OSRAM GmbH LCBA6SG Datasheet HTML 11Page - OSRAM GmbH LCBA6SG Datasheet HTML 12Page - OSRAM GmbH LCBA6SG Datasheet HTML 13Page - OSRAM GmbH LCBA6SG Datasheet HTML 14Page - OSRAM GmbH LCBA6SG Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 1.0
LCB A6SG
2013-09-20
11
Relative Forward Voltage 6) page22
Relative Vorwärtsspannung 6) Seite 22
ΔVF = VF - VF(25°C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 6) page 22
Relative Lichtstärke 6) Seite 22
IV/IV(25)°C = f(Tj); IF = 20 mA
Chromaticity Coordinate Shift 6) page 22
Farbortverschiebung 6) Seite 22
Cx, Cy = f(Tj); IF = 20 mA
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
T
j
100
OHL02397
V
F
V
Δ
-40
0.7
V (25 ˚C)
I
I
V
T
j
OHL03775
˚C
-20
0
20
40
60
100
0.8
0.9
1.0
1.1
1.3
-0.010
OHL03792
-40
Cx,
Δ
Cy
Δ
Cx
Cy
j
T
˚C
-20
0
20
40
60
100
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.008
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com