Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL29S Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LTL29S
Description  LCD Backlighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTL29S Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LTL29S_12 Datasheet HTML 3Page - OSRAM GmbH LTL29S_12 Datasheet HTML 4Page - OSRAM GmbH LTL29S_12 Datasheet HTML 5Page - OSRAM GmbH LTL29S_12 Datasheet HTML 6Page - OSRAM GmbH LTL29S_12 Datasheet HTML 7Page - OSRAM GmbH LTL29S_12 Datasheet HTML 8Page - OSRAM GmbH LTL29S_12 Datasheet HTML 9Page - OSRAM GmbH LTL29S_12 Datasheet HTML 10Page - OSRAM GmbH LTL29S_12 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Version 1.0 (Replacement in due course)
LT L29S
2012-10-01
7
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 19 , 1) page 19
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 19 , 1) Seite 19
Irel = f (λ); TA = 25 °C; IF = 10 mA
Radiation Characteristics 7) page 19
Abstrahlcharakteristik 7) Seite 19
Irel = f (ϕ); TA = 25 °C
0
400
true green
550
450
500
600
650
nm
λ
700
OHL01493
I
20
40
60
80
%
100
rel
λ
V
0.2
0˚
100˚
0.6
90˚
1.0
0.8
80˚
0.4
0
20˚
40˚
60˚
100˚
80˚
120˚
0˚
0.8
0.6
0.4
1.0
ϕ
70˚
60˚
50˚
30˚
40˚
20˚
10˚
OHL02039
horizontal
vertical
horizontal
vertical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com