Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ38G Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LWQ38G
Description  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38G Datasheet(HTML) 4 Page - OSRAM GmbH

  LWQ38G Datasheet HTML 1Page - OSRAM GmbH LWQ38G Datasheet HTML 2Page - OSRAM GmbH LWQ38G Datasheet HTML 3Page - OSRAM GmbH LWQ38G Datasheet HTML 4Page - OSRAM GmbH LWQ38G Datasheet HTML 5Page - OSRAM GmbH LWQ38G Datasheet HTML 6Page - OSRAM GmbH LWQ38G Datasheet HTML 7Page - OSRAM GmbH LWQ38G Datasheet HTML 8Page - OSRAM GmbH LWQ38G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2015-09-01
4
Version 1.3
LW Q38G
Characteristics (TA = 25 °C; IF = 5 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 3) page 21
Farbkoordinaten nach CIE 1931 3) Seite 21
(typ.)
(typ.)
Cx
Cy
0.3
0.28
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
150 (horizontal)
130 (vertical)
°
Forward voltage
4) page 21
Durchlassspannung 4) Seite 21
(min.)
(typ.)
(max.)
VF
VF
V
F
2.60
2.85
3.10
V
V
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ.)
(max.)
I
R
I
R
0.01
10
µA
µA
Real thermal resistance junction / ambient
5) page 21 ,
6) page 21
Realer Wärmewiderstand Sperrschicht / Umgebung
5) Seite 21 , 6) Seite 21
(max.)
Rth JA real
650
K/W
Real thermal resistance junction / solder point
6) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 21
(max.)
R
th JS real
370
K/W
ESD withstand voltage 7) page 21
ESD Festigkeit 7) Seite 21
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM)
VESD
2
kV
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com