Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYE63F Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYE63F
Description  Power TOPLED Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYE63F Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYE63F Datasheet HTML 5Page - OSRAM GmbH LYE63F Datasheet HTML 6Page - OSRAM GmbH LYE63F Datasheet HTML 7Page - OSRAM GmbH LYE63F Datasheet HTML 8Page - OSRAM GmbH LYE63F Datasheet HTML 9Page - OSRAM GmbH LYE63F Datasheet HTML 10Page - OSRAM GmbH LYE63F Datasheet HTML 11Page - OSRAM GmbH LYE63F Datasheet HTML 12Page - OSRAM GmbH LYE63F Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.5
LY E63F
2017-10-12
9
Forward Current 7) page 21 , 8) page 21
Durchlassstrom 7) Seite 21 , 8) Seite 21
IF = f (VF); TS = 25 °C
Relative Partial Flux 7) page 21 , 8) page 21
Relativer Partieller Lichtfluss 7) Seite 21 , 8) Seite 21
EV/EV(50 mA) = f(IF); TS = 25 °C
OHL02710
mA
10
0
V
10
1
2
10
IF
VF
2.3
1.5
1.7
1.9
2.1
2.5
amber
yellow
super red
I
F
OHL22669
0
10
10 1
2
10
10
-2
-1
10
10
0
1
10
mA
5
5
5
E
V
V (50 mA)
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com